Electronic Components Datasheet Search
  English  ▼

X  

APW7066 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7066 Datasheet HTML 2Page - Anpec Electronics Coropration APW7066 Datasheet HTML 3Page - Anpec Electronics Coropration APW7066 Datasheet HTML 4Page - Anpec Electronics Coropration APW7066 Datasheet HTML 5Page - Anpec Electronics Coropration APW7066 Datasheet HTML 6Page - Anpec Electronics Coropration APW7066 Datasheet HTML 7Page - Anpec Electronics Coropration APW7066 Datasheet HTML 8Page - Anpec Electronics Coropration APW7066 Datasheet HTML 9Page - Anpec Electronics Coropration APW7066 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2005
APW7066
www.anpec.com.tw
6
Electrical Characteristics (Cont.)
Parameter
Test Conditions
Min.
Typ.
Max.
Units
LINEAR REGULATOR (OUT3)
DRIVE3 High Output Source
Current
1.5
mA
DRIVE3 Low Output Sink Current
2.5
mA
VREF
Output Voltage
1.1
µF max capacitance
3.3
V
Output Accuracy
-0.8
+0.8
%
Source Current
2.0
mA
REFOUT (VTTREF)
Output Voltage
Determined by REFIN voltage
0.6
3.3
V
Offset Voltage
-10
+10
mV
Source Current
0.2
20
mA
Sink Current
0.48
mA
Output Capacitance
0.1
µF
Output High Voltage Minimum
To select 0 degree phase; see Table 1
3.8
VCC
V
ENABLE/SOFTSTART (SS/EN 1,2,3)
EN Rising
1.05
V
Enable Threshold
EN falling
0.95
Soft-Start Current
-30
µA
Soft-Start High Voltage
End of ramp
3.5
V
Output High Voltage
To select DDR mod; see Table 1
3.8
VCC
V
FS/SYNC PLL
Frequency range of Lock-in
150
800
KHz
High Voltage
( from LG pin of another IC, for
example)
12
V
GATE DRIVERS
Output1 GATE Driver Source
UGATE1, LGATE1=3V, BOOT=12V
1.8
A
Output2 GATE Driver Source
UGATE2, LGATE2=3V, BOOT=12V
1
A
Output1 GATE Driver Sink
UGATE1, LGATE1=3V, BOOT=12V
2.5
Ω
Output2 GATE Driver Sink
UGATE2, UGATE2=3V, BOOT=12V
4
Ω
Output Voltage
UGATE1, UGATE2
30
V
Output Voltage
LGATE1, LGATE2
12
V
Operating Conditions: VCC = 5V, VCC12 = 12V, TA = 0 to 70
°C, Unless Otherwise Specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com