Electronic Components Datasheet Search
  English  ▼

X  

APW7066 Datasheet(PDF) 32 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 32 Page - Anpec Electronics Coropration

Back Button APW7066 Datasheet HTML 26Page - Anpec Electronics Coropration APW7066 Datasheet HTML 27Page - Anpec Electronics Coropration APW7066 Datasheet HTML 28Page - Anpec Electronics Coropration APW7066 Datasheet HTML 29Page - Anpec Electronics Coropration APW7066 Datasheet HTML 30Page - Anpec Electronics Coropration APW7066 Datasheet HTML 31Page - Anpec Electronics Coropration APW7066 Datasheet HTML 32Page - Anpec Electronics Coropration APW7066 Datasheet HTML 33Page - Anpec Electronics Coropration APW7066 Datasheet HTML 34Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2005
APW7066
www.anpec.com.tw
32
Carrier Tape & Reel Dimensions
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245
°C, 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @125
°C
PCT
JESD-22-B,A102
168 Hrs, 100
%RH, 121°C
TST
MIL-STD-883D-1011.9
-65
°C~150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms, 1tr > 100mA
Reliability Test Program
Table 1.
SnPb Entectic Process – Package Peak Reflow Temperature s
Package Thickness
Volume mm
3
<350
Volume mm
3
≥350
<2.5 mm
240 +0/-5
°C
225 +0/-5
°C
≥2.5 mm
225 +0/-5
°C
225 +0/-5
°C
Table 2. Pb-free Process – Package Classification Reflow Temperatures
Package Thickness
Volume mm
3
<350
Volume mm
3
350-2000
Volume mm
3
>2000
<1.6 mm
260 +0
°C*
260 +0
°C*
260 +0
°C*
1.6 mm – 2.5 mm
260 +0
°C*
250 +0
°C*
245 +0
°C*
≥2.5 mm
250 +0
°C*
245 +0
°C*
245 +0
°C*
*Tolerance: The device manufacturer/supplier shall assure process compatibility up to and
including the stated classification temperature (this means Peak reflow temperature +0
°C.
For example 260
°C+0°C) at the rated MSL level.
Classification Reflow Profiles(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com