Electronic Components Datasheet Search
  English  ▼

X  

APW7068 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7068
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7068 Datasheet HTML 1Page - Anpec Electronics Coropration APW7068 Datasheet HTML 2Page - Anpec Electronics Coropration APW7068 Datasheet HTML 3Page - Anpec Electronics Coropration APW7068 Datasheet HTML 4Page - Anpec Electronics Coropration APW7068 Datasheet HTML 5Page - Anpec Electronics Coropration APW7068 Datasheet HTML 6Page - Anpec Electronics Coropration APW7068 Datasheet HTML 7Page - Anpec Electronics Coropration APW7068 Datasheet HTML 8Page - Anpec Electronics Coropration APW7068 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2006
APW7068
www.anpec.com.tw
2
Pinouts
1
3
2
4
6
5
7
8
DRIVE
FB
COMP
FBL
OCSET
LGATE
PGND
REF_OUT
QFN-16
TOP VIEW
12
10
11
9
15
16
14
13
Metal GND
Pad
(Bottom)
1
3
2
4
6
5
7
8
BOOT
FS_DIS
DRIVE
FB
COMP
GND
FBL
GND
16
14
15
13
11
12
9
UGATE
PHASE
OCSET
LGATE
PGND
VCC12
REF_OUT
VCC12
QSOP-16
TOP VIEW
10
DRIVE
1
3
2
4
6
5
7
BOOT
FS_DIS
FB
COMP
GND
FBL
14
12
13
11
9
10
8
UGATE
PHASE
OCSET
LGATE
PGND
VCC12
REF_OUT
SOP-14
TOP VIEW
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for
MSL classification at lead-free peak reflow temperature.
APW7068
Handling Code
Temp. Range
Package Code
°
APW7068 K :
APW7068
XXXXX
XXXXX - Date Code
Lead Free Code
APW7068 Q :
APW7068
XXXXX
XXXXX - Date Code
APW7068 M :
APW7068
XXXXX
XXXXX - Date Code
Package Code
K : SOP - 14
M : QSOP - 16
QA : QFN - 16
Temp. Range
E : -20 to 70 C
Handling Code
TU : Tube
TR : Tape & Reel
TY : Tray (for QFN only)
Lead Free Code
L : Lead Free Device
Blank : Original Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com