Electronic Components Datasheet Search
  English  ▼

X  

APW7068 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APW7068
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW7068 Datasheet HTML 17Page - Anpec Electronics Coropration APW7068 Datasheet HTML 18Page - Anpec Electronics Coropration APW7068 Datasheet HTML 19Page - Anpec Electronics Coropration APW7068 Datasheet HTML 20Page - Anpec Electronics Coropration APW7068 Datasheet HTML 21Page - Anpec Electronics Coropration APW7068 Datasheet HTML 22Page - Anpec Electronics Coropration APW7068 Datasheet HTML 23Page - Anpec Electronics Coropration APW7068 Datasheet HTML 24Page - Anpec Electronics Coropration APW7068 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2006
APW7068
www.anpec.com.tw
21
Package Information
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
b
0.20
0.30
0.008
0.012
D
4.80
5.00
0.189
0.197
E
5.79
6.20
0.228
0.244
E1
3.81
3.99
0.150
0.157
e
0.635 TYP.
0.025 TYP.
L
0.41
1.27
0.016
0.050
φ 1
0
°
8
°
0
°
8
°
QSOP-16
1
2
3
E1
E
D
L
GAUGE
PLANE
1
e
b
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com