Electronic Components Datasheet Search
  English  ▼

X  

APW7077 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7077
Description  PWM Step-Up DC-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7077 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7077 Datasheet HTML 10Page - Anpec Electronics Coropration APW7077 Datasheet HTML 11Page - Anpec Electronics Coropration APW7077 Datasheet HTML 12Page - Anpec Electronics Coropration APW7077 Datasheet HTML 13Page - Anpec Electronics Coropration APW7077 Datasheet HTML 14Page - Anpec Electronics Coropration APW7077 Datasheet HTML 15Page - Anpec Electronics Coropration APW7077 Datasheet HTML 16Page - Anpec Electronics Coropration APW7077 Datasheet HTML 17Page - Anpec Electronics Coropration APW7077 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep, 2005
APW7077/A
www.anpec.com.tw
14
Function Description (Cont.)
Inductor Selection (Cont.)
OUT
O
OUT
V
fsw
D
(max)
I
(min)
C
∆
×
×
=
The ESR is also important because it determines the
peak to peak output voltage ripple according to the
approximate equation:
With 1% output voltage ripple, low ESR capacitor
should be used to reduce output ripple voltage. In
general, a 100uF to 220uF low ESR (0.10
Ω to 0.30Ω)
Tantalum capacitor should be appropriate. The choice
of output capacitors is also somewhat arbitrary and
depends on the design requirements for output voltage
ripple. A minimum value of 10µF is recommended and
may be increased to a larger value.
Input Capacitor
The input capacitor can stabilize the input voltage and
minimize peak current ripple from the source. The size
used is dependant on the application and board layout.
ESR
I
V
L
IN
×
∆
=
∆
O
OUT
I
?
V
?
ESR
=
when
∆IL is less than the average inductor current.
Care must be taken to make sure that the switch will
not reach its current limit during normal operation.
The inductor must also be sized accordingly. It should
have a saturation current rating higher than the peak
inductor current expected. The output voltage ripple is
also affected by the total ripple current.
Output Capacitor
The output capacitor is used for sustaining the output
v oltage when the external MOSFET or bipolar
transistor is switched on and smoothing the ripple
voltage.
The output capacitance needed is calculated in
equations.
If the regulator will be loaded uniformly, with very little
load changes, and at lower current outputs, the input
capacitor size can often be reduced. The size can also
be reduced if the input of the regulator is very close to
the source output. The size will generally need to be
larger for applications where the regulator is supplying
nearly the maximum rated output or if large load steps
are expected. A minimum value of 10µF should be
used for the less stressful conditions while a 22µF to
47µF capacitor may be required for higher power and
dynamic loads. Small ESR Tantalum or ceramic ca-
pacitor should be suitable and the total input ripple
voltage can be calculated
Design Example
It is supposed that a step–up DC–DC controller with
3.3 V output delivering a maximum 1000 mA output
current with 100 mV output ripple voltage powering
from a 2.4 V input is to be designed.
Design parameters:
VIN = 2.4 V
V
OUT = 3.3 V
I
O = 1.0 A
∆VOUT = 100 mV
fsw= 300 kHZ
Ratio = 0.2 (typical for small output ripple voltage)
Assume the diode forward voltage and the transistor
saturation voltage are both 0.3V. Determine the maxi-
mum steady state duty cycle at VIN = 2.4 V:
D=0.273
Calculate the maximum inductance value which can
generate the desired current output and the preferred
delta inductor current to average inductor current ratio:
L=10uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com