Electronic Components Datasheet Search
  English  ▼

X  

APW7077 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7077
Description  PWM Step-Up DC-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7077 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7077 Datasheet HTML 2Page - Anpec Electronics Coropration APW7077 Datasheet HTML 3Page - Anpec Electronics Coropration APW7077 Datasheet HTML 4Page - Anpec Electronics Coropration APW7077 Datasheet HTML 5Page - Anpec Electronics Coropration APW7077 Datasheet HTML 6Page - Anpec Electronics Coropration APW7077 Datasheet HTML 7Page - Anpec Electronics Coropration APW7077 Datasheet HTML 8Page - Anpec Electronics Coropration APW7077 Datasheet HTML 9Page - Anpec Electronics Coropration APW7077 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep, 2005
APW7077/A
www.anpec.com.tw
6
Application Circuit
CE
VOUT
EXT
GND
VIN
VOUT=3.3V(APW7077-33)
APM2300A
10uH/1.5A
SS12
1uF
APW7077
NC
VOUT=5V(APW7077-50)
100uF
100uF
Application Circuit for APW7077
10uF
FB
CE
VDD
EXT
GND
VIN
R2
820K/620K
R1/75K
APM2300A
10uH/1.5A
SS12
4.7uF
10uF
1uF
2R2
2.5~5.2V
CFF/1000pF
APW7077A
VOUT=(1+R2/R1)*1.0V
9~12V/50mA
0.1uF
Application Circuit for APW7077A
FB
CE
VDD
EXT
GND
VIN
R2/300K
R1/75K
APM2300A
SS12
100uF
1uF
CFF/33pF
APW7077A
VOUT=(1+R2/R1)*1.0V
3~5V
10uF
100uF
10uH/1.5A
Application Circuit for APW7077A
*R1
≦100KΩ is recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com