Electronic Components Datasheet Search
  English  ▼

X  

APW7077 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7077
Description  PWM Step-Up DC-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7077 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7077 Datasheet HTML 1Page - Anpec Electronics Coropration APW7077 Datasheet HTML 2Page - Anpec Electronics Coropration APW7077 Datasheet HTML 3Page - Anpec Electronics Coropration APW7077 Datasheet HTML 4Page - Anpec Electronics Coropration APW7077 Datasheet HTML 5Page - Anpec Electronics Coropration APW7077 Datasheet HTML 6Page - Anpec Electronics Coropration APW7077 Datasheet HTML 7Page - Anpec Electronics Coropration APW7077 Datasheet HTML 8Page - Anpec Electronics Coropration APW7077 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep, 2005
APW7077/A
www.anpec.com.tw
3
Pin Number
APW7077
APW7077A
Pin Name
Function Description
1
3
CE
Chip enable input. High = operating mode; Low = shutdown mode
5
5
EXT
External MOSFET or transistor drive pin.
4
4
GND
Ground pins of the circuit.
X
2
VDD
Supply voltage.
X
1
FB
FB: Internal 1.0V reference voltage. Use a resistor divider to set
the output voltage from and VOUT =


 +
1
R
2
R
1
VFB.
3
X
NC
No internal connection to the pin.
2
X
VOUT
VOUT Provides bootstrap power to the IC.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.3 to 7
V
VIO
Input / output pins (CE, FB, EXT)
-0.3 to 7
V
TA
Operating Ambient Temperature Range
-40 to 85
°C
TJ
Junction Temperature Range
-40 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TS
Soldering Temperature
300, 10 seconds
°C
VESD
Minimum ESD Rating
±2
kV
Pin Descrpition
Symbol
Parameter
Value
Unit
R θJA
Thermal Resistance
− Junction to Ambient
SOT-23-5
200
°C/W
Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com