Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7095 Datasheet HTML 3Page - Anpec Electronics Coropration APW7095 Datasheet HTML 4Page - Anpec Electronics Coropration APW7095 Datasheet HTML 5Page - Anpec Electronics Coropration APW7095 Datasheet HTML 6Page - Anpec Electronics Coropration APW7095 Datasheet HTML 7Page - Anpec Electronics Coropration APW7095 Datasheet HTML 8Page - Anpec Electronics Coropration APW7095 Datasheet HTML 9Page - Anpec Electronics Coropration APW7095 Datasheet HTML 10Page - Anpec Electronics Coropration APW7095 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2005
APW7095/A
www.anpec.com.tw
7
Electrical Characteristics
APW7095/A
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ICCS
VCC Standby Current
CTL = 0V
-
-
10
IPVCC
PVCC Standby Current
CTL = 0V
-
-
10
µA
ICC
VCC Nominal Supply Current
CTL, CTL1 to CTL5 = 5V
-
1.8
5
mA
Under Voltage Lockout
VTH
Threshold Voltage
Rising VCC
2.5
2.7
2.9
VH
Hysteresis Width
-
0.2
-
VRST
CH1 to
CH5
Reset Voltage
Falling VCC
1.2
1.3
1.4
VTH
CH6
Threshold Voltage
Rising VCC
1.25
1.4
1.55
V
Reference Voltage
VREF
Reference Voltage
IREF = 0mA
2.46
2.49
2.51
V
∆V
REF/
VREF
Output Voltage Temperature
Stability
TA = -30°C to 85°C
-
0.5
-
%
Line
Input Stability
VCC = 3.0V to 6.5V
-10
-
10
mV
Load
Load Stability
IREF = 0mA to –1mA
-10
-
10
mV
IOS
Short-Circuit Output Current
VREF = 2V
-25
-18
-1
mA
Soft-Start
VSTB
Input Standby Voltage
-
50
100
mV
ICS
Soft-Start Charge Current
-1.4
-1.0
-0.6
µA
Short-Circuit Detection
VTH
Threshold Voltage
0.65
0.70
0.75
V
VSTB
Input Standby Voltage
-
50
100
mV
VI
Input Latch Voltage
-
50
100
mV
ICSCP
Input Source Current
-1.4
-1.0
-0.6
µA
Triangular Wave Oscillator
fOSC
Oscillator Frequency
CT=100pF, RT=18k
Ω,VB=2V
450
500
550
kHz
∆f/fdv Frequency Stability for Voltage VCC = 3V to 6.5V
-
1
10
%
∆f/fdt
Frequency Stability for
Temperature
TA = -30°C to 85°C
-
1
-
%
Error Amplifier (CH1 to CH5)
VTH
Threshold Voltage
FB = 1.45V
1.23
1.25
1.27
V
∆V
T/
VT
VT Temperature Stability
TA = -30°C to 85°C
-
0.5
-
%
IB
Input Bias Current
IN = 0V (CH1 to CH5)
-50
-
-
nA
AV
Voltage Gain
DC
60
100
-
dB
BW
Frequency Bandwidth
AV = 0dB
-
1.0
-
MHz
VOH
Maximum Output Voltage
4.9
4.99
-
V
VOL
Minimum Output Voltage
-
3
50
mV
ISOURCE Output Source Current
FB = 1.45V
-
-25
-10
mA
ISINK
Output Sink Current
FB = 1.45V
5
16
-
mA
Refer to the typical application circuit. These specifications apply over, VCC = 5V and TA = -30 to 85
°C, unless
otherwise specified. Typical values refer to TA = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com