Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7095 Datasheet HTML 1Page - Anpec Electronics Coropration APW7095 Datasheet HTML 2Page - Anpec Electronics Coropration APW7095 Datasheet HTML 3Page - Anpec Electronics Coropration APW7095 Datasheet HTML 4Page - Anpec Electronics Coropration APW7095 Datasheet HTML 5Page - Anpec Electronics Coropration APW7095 Datasheet HTML 6Page - Anpec Electronics Coropration APW7095 Datasheet HTML 7Page - Anpec Electronics Coropration APW7095 Datasheet HTML 8Page - Anpec Electronics Coropration APW7095 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2005
APW7095/A
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
6-Channel DC/DC Converter Control IC
•
Supports for synchronous rectification
(CH1, CH2 and CH5)
•
Supports for down or up-down Zeta conversions
(CH1 and APW7095 CH2)
•
Supports for up, flyback or up-down SEPIC
conversions (APW7095A CH2, CH3, APW7095
CH4, CH5 and CH6)
•
Supports for Inverting conversion
(APW7095A CH4)
•
Low Start-up Voltage : 1.4V (CH6)
•
Power Supply Voltage Range
- CH1 to CH5 : 3.0V to 6.5V
- CH6 : 2.4V to 6.5V
•
1% Reference Voltage Accuracy
•
Wide Operating Frequency 100kHz to 1MHz
•
Soft-Start Function (CH1 to 6)
•
Power Good (PGOOD) Indicator for CH1
•
Low Shutdown Current
•
Output Short-Circuit Detections
•
Lead Free Available (RoHS Compliant)
The APW7095/A is a 6-channel, frequency-settable,
voltage-mode, DC/DC control IC providing a complete
power supply solution for high-performance portable
digital cameras. The APW7095/A uses pulse-width-
modulation (PWM) and synchronous rectification for
high efficiency step-up, step-down, up-down and in-
verting converters with free input and output settings
in 2 or 4-cell AA, 1-cell lithium-ion (Li+), and dual-
battery designs. The APW7095/A incorporates error
amplifiers, output short-circuit detection, under-volt-
age lockout, soft-start and output switch control into
a chip. The AP7095/A improves performance, compo-
nent count, and size compared to conventional multi-
channel controllers.
The APW7095/A has a power-good indicator (PGOOD)
that signals when CH1 output is within
±10% of the
set voltage by monitoring IN1 pin.
The APW7095/A is available in compact 48-pin plas-
tic LQFP and TQFN packages.
Features
General Description
Applications
•
Digital Camera
•
Camcorder
•
Hand-held Instrument


Similar Part No. - APW7095

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7095A ANPEC-APW7095A Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
More results

Similar Description - APW7095

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
DC-DC CONVERTER CONTROL IC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
DC/DC CONVERTER CONTROL IC
logo
List of Unclassifed Man...
HPW7095 ETC1-HPW7095 Datasheet
350Kb / 23P
6-Channel DC/DC Converter Control IC
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
6-Channel DC-DC Converter IC for DSC
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
6-Channel DC/DC Converter Control IC
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
6-CHANNEL DC-DC CONVERTER CONTROLER IC
logo
SHENZHEN FUMAN ELECTRON...
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com