Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7095 Datasheet HTML 1Page - Anpec Electronics Coropration APW7095 Datasheet HTML 2Page - Anpec Electronics Coropration APW7095 Datasheet HTML 3Page - Anpec Electronics Coropration APW7095 Datasheet HTML 4Page - Anpec Electronics Coropration APW7095 Datasheet HTML 5Page - Anpec Electronics Coropration APW7095 Datasheet HTML 6Page - Anpec Electronics Coropration APW7095 Datasheet HTML 7Page - Anpec Electronics Coropration APW7095 Datasheet HTML 8Page - Anpec Electronics Coropration APW7095 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2005
APW7095/A
www.anpec.com.tw
5
Block Diagram
Drive
2-1
Drive
1-1
Drive
1-2
CH1
PWM
Controller
CS CTL
Logic
OSC
SCP
UVLO
2V
CS
VB
RT
CT
CSCP
VREF
GND
2.49V
1.25V
1.0V
1.25V
1.0V
1.0V
1.25V
1.0V
1.0V
0.9V
VB:2V
0.9V
1.25V
x1.1
1.25V
x0.9
Comp.
Error
Amp.
SCP
Comp.
Error
Amp.
SCP
Comp.
Error
Amp.
SCP
Comp.
Error
Amp.
SCP
Comp.
INV
Amp.
1.25V
Error
Amp.
SCP
Comp.
1.25V
Error
Amp.
SCP
Comp.
Ref
Power
ON/OFF
CTL
37.5k
62.5k
CT2
CT1
CT
CT2
CT2
CT2
CT1
CT1
CT
DTC1
FB1
DTC2
FB2
DTC3
FB3
DTC4
FB4
DTC5
FB5
FB6
IN1
CTL1,2
CTL1,2
CTL3
CTL4
CTL5
CH2
PWM
Controller
CH3
PWM
Controller
CH4
PWM
Controller
CH5
PWM
Controller
CH6
PWM
Controller
(Max. Duty=80%)
Driver 1-1
Driver 1-2
Driver 2-1
Driver 2-2
Driver 3
Driver 4
Driver 5-1
Driver 5-2
Driver 6
FB1
IN1
DTC1
FB2
IN2
DTC2
FB3
IN3
DTC3
INA4
OUTA4
FB4
IN4
INS4
DTC4
FB5
IN5
DTC5
FB6
IN6
CTL1,2
CTL3
CTL4
CTL5
CIN6
OUT1-1
PVCC
OUT1-2
OUT2-1
OUT2-2
OUT3
OUT4
OUT5-1
OUT5-2
OUT6
PGND
SWIN
VCC
CTL
SWOUT
PGOOD
0.8V
0.3V
1.8V
1.1V
1.8V
1.1V
Power
Comp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com