Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS245 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS245
Description  SN74HCS245 Octal Bus Transceivers with 3-State Outputs and Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS245 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS245 Datasheet HTML 1Page - Texas Instruments SN74HCS245 Datasheet HTML 2Page - Texas Instruments SN74HCS245 Datasheet HTML 3Page - Texas Instruments SN74HCS245 Datasheet HTML 4Page - Texas Instruments SN74HCS245 Datasheet HTML 5Page - Texas Instruments SN74HCS245 Datasheet HTML 6Page - Texas Instruments SN74HCS245 Datasheet HTML 7Page - Texas Instruments SN74HCS245 Datasheet HTML 8Page - Texas Instruments SN74HCS245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
5 Pin Configuration and Functions
VCC
B8
GND
A1
A2
A3
A4
A5
A6
A7
A8
DIR
OE
B1
B2
B3
B4
B5
B6
B7
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
PAD
Figure 5-1. RKS Package, 20-Pin VQFN (Top View)
1
2
3
4
5
6
7
20
19
18
17
16
15
14
8
13
9
12
10
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
V
CC
OE
B1
B2
B3
B4
B5
B6
B7
B8
Figure 5-2. DGS Package, 20-Pin SOT (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DIR
1
I
Direction control input (L = B → A, H = A → B)
A1
2
I/O
Channel 1 output/input A
A2
3
I/O
Channel 2 output/input A
A3
4
I/O
Channel 3 output/input A
A4
5
I/O
Channel 4 output/input A
A5
6
I/O
Channel 5 output/input A
A6
7
I/O
Channel 6 output/input A
A7
8
I/O
Channel 7 output/input A
A8
9
I/O
Channel 8 output/input A
GND
10
G
Ground
B8
11
I/O
Channel 8 input/output B
B7
12
I/O
Channel 7 input/output B
B6
13
I/O
Channel 6 input/output B
B5
14
I/O
Channel 5 input/output B
B4
15
I/O
Channel 4 input/output B
B3
16
I/O
Channel 3 input/output B
B2
17
I/O
Channel 2 input/output B
B1
18
I/O
Channel 1 input/output B
OE
19
I
Output enable, active low
VCC
20
P
Positive supply
Thermal Pad(2)
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal
or supply.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
(2)
RKS Package Only
www.ti.com
SN74HCS245
SCLS879A – JANUARY 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com