Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS245 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS245
Description  SN74HCS245 Octal Bus Transceivers with 3-State Outputs and Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS245 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74HCS245 Datasheet HTML 9Page - Texas Instruments SN74HCS245 Datasheet HTML 10Page - Texas Instruments SN74HCS245 Datasheet HTML 11Page - Texas Instruments SN74HCS245 Datasheet HTML 12Page - Texas Instruments SN74HCS245 Datasheet HTML 13Page - Texas Instruments SN74HCS245 Datasheet HTML 14Page - Texas Instruments SN74HCS245 Datasheet HTML 15Page - Texas Instruments SN74HCS245 Datasheet HTML 16Page - Texas Instruments SN74HCS245 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
9.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in the Layout
section.
2. Ensure the capacitive load at the output is ≤ 50 pF. This is not a hard limit; it will, however, ensure
optimal performance. This can be accomplished by providing short, appropriately sized traces from the
SN74HCS245 to one or more of the receiving devices.
3. Ensure the resistive load at the output is larger than (VCC / IO(max)) Ω. This will ensure that the maximum
output current from the Absolute Maximum Ratings is not violated. Most CMOS inputs have a resistive load
measured in MΩ; much larger than the minimum calculated previously.
4. Thermal issues are rarely a concern for logic gates; the power consumption and thermal increase, however,
can be calculated using the steps provided in the application report, CMOS Power Consumption and Cpd
Calculation.
9.2.3 Application Curves
Time (ns)
0
15
30
45
60
75
90
100
-2
0
2
3.3
5
0
22
50
-1
1
4
Figure 9-2. Simulated Signal Integrity at the Reciever With Different Damping Resistor (Rd) Values
www.ti.com
SN74HCS245
SCLS879A – JANUARY 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74HCS245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com