Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS245 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS245
Description  SN74HCS245 Octal Bus Transceivers with 3-State Outputs and Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS245 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74HCS245 Datasheet HTML 10Page - Texas Instruments SN74HCS245 Datasheet HTML 11Page - Texas Instruments SN74HCS245 Datasheet HTML 12Page - Texas Instruments SN74HCS245 Datasheet HTML 13Page - Texas Instruments SN74HCS245 Datasheet HTML 14Page - Texas Instruments SN74HCS245 Datasheet HTML 15Page - Texas Instruments SN74HCS245 Datasheet HTML 16Page - Texas Instruments SN74HCS245 Datasheet HTML 17Page - Texas Instruments SN74HCS245 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent power
disturbance. A 0.1-μF capacitor is recommended for this device. It is acceptable to parallel multiple bypass caps
to reject different frequencies of noise. The 0.1-μF and 1-μF capacitors are commonly used in parallel. The
bypass capacitor should be installed as close to the power terminal as possible for best results, as shown in
given example layout image.
11 Layout
11.1 Layout Guidelines
When using multiple-input and multiple-channel logic devices inputs must not ever be left floating. In many
cases, functions or parts of functions of digital logic devices are unused; for example, when only two inputs of a
triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such unused input pins must not be left
unconnected because the undefined voltages at the outside connections result in undefined operational states.
All unused inputs of digital logic devices must be connected to a logic high or logic low voltage, as defined by the
input voltage specifications, to prevent them from floating. The logic level that must be applied to any particular
unused input depends on the function of the device. Generally, the inputs are tied to GND or VCC, whichever
makes more sense for the logic function or is more convenient.
11.2 Layout Example
F
Bypass capacitor
placed close to the
device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
VCC
B8
GND
A1
A2
A3
A4
A5
A6
A7
A8
DIR
OE
B1
B2
B3
B4
B5
B6
B7
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
GND
V
CC
GND
Figure 11-1. Example layout for the SN74HCS245 in the RKS package.
SN74HCS245
SCLS879A – JANUARY 2022 – REVISED OCTOBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN74HCS245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com