Electronic Components Datasheet Search
  English  ▼

X  

THS3091DDA Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091DDA
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091DDA Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS3091DDA Datasheet HTML 35Page - Texas Instruments THS3091DDA Datasheet HTML 36Page - Texas Instruments THS3091DDA Datasheet HTML 37Page - Texas Instruments THS3091DDA Datasheet HTML 38Page - Texas Instruments THS3091DDA Datasheet HTML 39Page - Texas Instruments THS3091DDA Datasheet HTML 40Page - Texas Instruments THS3091DDA Datasheet HTML 41Page - Texas Instruments THS3091DDA Datasheet HTML 42Page - Texas Instruments THS3091DDA Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
11.5 Power Dissipation and Thermal Considerations
The THS309x incorporates automatic thermal shutoff protection. This protection circuitry shuts down the
amplifier if the junction temperature exceeds approximately 160°C. When the junction temperature reduces
to approximately 140°C, the amplifier turns on again. But, for maximum performance and reliability, the designer
must ensure that the design does not exceed a junction temperature of 125°C. Between 125°C and 150°C,
damage does not occur, but the performance of the amplifier begins to degrade and long-term reliability suffers.
The thermal characteristics of the device are dictated by the package and the PC board. Maximum power
dissipation for a given package can be calculated using the following formula.
P
Dmax
+
Tmax * TA
q
JA
where:
PDmax is the maximum power dissipation in the amplifier (W).
Tmax is the absolute maximum junction temperature (°C).
TA is the ambient temperature (°C).
θJA = θJC + θCA
θJC is the thermal coefficient from the silicon junctions to the
case (°C/W).
θCA is the thermal coefficient from the case to ambient air
(°C/W).
(4)
For systems where heat dissipation is more critical, the THS3091 and THS3095 are offered in an 8-pin
SOIC (DDA) with PowerPAD package. The thermal coefficient for the PowerPAD packages are substantially
improved over the traditional SOIC. Maximum power dissipation levels are depicted in the graph for the available
packages. The data for the PowerPAD packages assume a board layout that follows the PowerPAD layout
guidelines referenced above and detailed in the PowerPAD application note (PowerPAD™ Thermally Enhanced
Package application note). If the PowerPAD is not soldered to the PCB, then the thermal impedance will
increase substantially which may cause serious heat and performance issues. Be sure to always solder the
PowerPAD to the PCB for optimum performance.
When determining whether or not the device satisfies the maximum power dissipation requirement, it is
important to consider not only quiescent power dissipation, but also dynamic power dissipation. Often times, this
is difficult to quantify because the signal pattern is inconsistent, but an estimate of the RMS power dissipation
can provide visibility into a possible problem.
www.ti.com
THS3091, THS3095
SLOS423I – SEPTEMBER 2003 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com