Electronic Components Datasheet Search
  English  ▼

X  

THS3091DDA Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091DDA
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091DDA Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS3091DDA Datasheet HTML 10Page - Texas Instruments THS3091DDA Datasheet HTML 11Page - Texas Instruments THS3091DDA Datasheet HTML 12Page - Texas Instruments THS3091DDA Datasheet HTML 13Page - Texas Instruments THS3091DDA Datasheet HTML 14Page - Texas Instruments THS3091DDA Datasheet HTML 15Page - Texas Instruments THS3091DDA Datasheet HTML 16Page - Texas Instruments THS3091DDA Datasheet HTML 17Page - Texas Instruments THS3091DDA Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
7.8 Typical Characteristics (±15 V) (continued)
−2
0
2
4
6
8
10
12
14
16
10 M
100 M
1 G
Gain = 5,
RL = 100 Ω,
VS =±15 V
R(ISO) = 38.3 Ω
CL = 10 pF
R(ISO) = 30.9 Ω
CL = 22 pF
R(ISO) = 22.1 Ω
CL = 47 pF
R(ISO) = 15.8 Ω
CL = 100 pF
f − Frequency − Hz
Figure 7-7. Capacitive Load Frequency Response
0
5
10
15
20
25
30
35
40
45
10
100
CL − Capacitive Load − pF
Gain = 5,
RL = 100 Ω,
VS = ±15 V
Figure 7-8. Recommended RISO vs Capacitive Load
−90
−80
−70
−60
−50
−45
−40
1 M
10 M
100 M
f − Frequency − Hz
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.21 kΩ
100 k
−85
−75
−65
−55
VO = 2 VPP,
RL = 100 Ω,
VS = ±15 V
Figure 7-9. 2nd Harmonic Distortion vs Frequency
-100
-90
-80
-70
-60
-50
-40
1 M
10 M
100 M
f - Frequency - Hz
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.21 kΩ
VO = 2 VPP,
RL = 100 Ω,
VS = ±15 V
100 k
Figure 7-10. 3rd Harmonic Distortion vs Frequency
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
VO = 2 VPP,
RL = 1 kΩ,
VS = ±15 V
100 k
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.21 kΩ
Figure 7-11. 2nd Harmonic Distortion vs Frequency
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
G = 1, RF = 1.78 kΩ
100 k
−55
−85
−75
−65
−45
VO = 2 VPP,
RL = 1 kΩ,
VS = ±15 V
G = 2, RF = 1.21 kΩ
Figure 7-12. 3rd Harmonic Distortion vs Frequency
THS3091, THS3095
SLOS423I – SEPTEMBER 2003 – REVISED DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com