Electronic Components Datasheet Search
  English  ▼

X  

THS3091DDA Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091DDA
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091DDA Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3091DDA Datasheet HTML 9Page - Texas Instruments THS3091DDA Datasheet HTML 10Page - Texas Instruments THS3091DDA Datasheet HTML 11Page - Texas Instruments THS3091DDA Datasheet HTML 12Page - Texas Instruments THS3091DDA Datasheet HTML 13Page - Texas Instruments THS3091DDA Datasheet HTML 14Page - Texas Instruments THS3091DDA Datasheet HTML 15Page - Texas Instruments THS3091DDA Datasheet HTML 16Page - Texas Instruments THS3091DDA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
7.8 Typical Characteristics (±15 V)
0
1
2
3
4
5
6
7
8
9
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2,
RL =100 Ω,
VO = 200 mVPP,
VS = ±15 V
RF = 750 Ω
RF = 1.21 k Ω
RF = 1.21 kΩ
RF = 1.5 kΩ
Figure 7-1. Noninverting Small-Signal Frequency Response
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = 1, RF = 1.78 kΩ
G = 10, RF = 866 Ω
G = 5, RF = 1 kΩ
G = 2, RF = 1.21 kΩ
RL = 100 Ω,
VO = 200 mVPP,
VS = ±15 V
Figure 7-2. Noninverting Small-Signal Frequency Response
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = −1, RF = 1.05 kΩ
G = −10, RF = 866 Ω
G = −5, RF = 909 Ω
G = −2, RF = 1 kΩ
RL = 100 Ω,
VO = 200 mVPP,
VS = ±15 V
Figure 7-3. Inverting Small-Signal Frequency Response
5.7
5.8
5.9
6
6.1
6.2
6.3
100 k
1 M
10 M
100 M
1 G
Gain = 2,
RF = 1.21 kΩ,
RL = 100 Ω,
VO = 200 mVPP,
VS = ±15 V
f - Frequency - Hz
Figure 7-4. 0.1-db Gain Flatness Frequency Response
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 4 VPP,
RL = 100 Ω,
VS = ±15 V
G = 5, RF = 1 kΩ
G = 2, RF = 1.21 kΩ
Figure 7-5. Noninverting Large-Signal Frequency Response
−4
−2
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 4 VPP,
RL = 100 Ω,
VS = ±15 V
G = −5, RF = 909 Ω
G = −2, RF = 1 kΩ
Figure 7-6. Inverting Large-Signal Frequency Response
www.ti.com
THS3091, THS3095
SLOS423I – SEPTEMBER 2003 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com