Electronic Components Datasheet Search
  English  ▼

X  

THS3095D Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095D Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 28Page - Texas Instruments THS3095D Datasheet HTML 29Page - Texas Instruments THS3095D Datasheet HTML 30Page - Texas Instruments THS3095D Datasheet HTML 31Page - Texas Instruments THS3095D Datasheet HTML 32Page - Texas Instruments THS3095D Datasheet HTML 33Page - Texas Instruments THS3095D Datasheet HTML 34Page - Texas Instruments THS3095D Datasheet HTML 35Page - Texas Instruments THS3095D Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
As shown in Figure 9-9 for example, in a two-amplifier load sharing configuration with matching resistance
driving a resistive load (RL), each series resistance is 2*RL and each amplifier drives 2*RL. A convenient
indicator of whether an op amp will function well in a load sharing configuration is the characteristic performance
graph of harmonic distortion versus load resistance. Such graphs can be found in most of TI’s high-speed
amplifier data sheets. These graphs can be used to obtain a general sense of whether or not an amplifier will
show improved distortion performance in load sharing configurations.
Figure 9-9 shows two test circuits: one for a single THS3091 amplifier driving a double-terminated (50-Ω cable),
and one with two THS3091 amplifiers in a load sharing configuration. In the load sharing configuration, the two
100-Ω series output resistors act in parallel to provide 50-Ω back-matching to the 50-Ω cable.
Figure 9-10 and Figure 9-11 show the 32-MHz, 18-VPP sine wave output amplitudes for the single THS3091
configuration and the load sharing configuration, respectively, measured using an oscilloscope. An ideal sine
wave is also included as a visual reference (the dashed red line). Figure 72 shows visible distortion in the single
THS3091 output. In the load sharing configuration of Figure 73, however, no obvious degradation is visible.
Figure 9-12 and Figure 9-13 show the 64-MHz sine wave outputs of the two configurations from Figure 8. While
the single THS3091 output is clearly distorted in Figure 74, the output of the load sharing configuration in Figure
75 shows only minor deviations from the ideal sine wave.
The improved output waveform as a result of load sharing is quantified in the harmonic distortion versus
frequency graphs shown in Figure 9-14 and Figure 9-15 for the single amplifier and load sharing configurations,
respectively. While second-harmonic distortion remains largely the same between the single and load sharing
cases, third-harmonic distortion is improved by approximately 8 dB in the frequency range between 20 MHz to
64 MHz.
Table 9-2. Bill of Materials
THS3091DDA and THS3095DDA EVM(1)
ITEM
DESCRIPTION
SMD
SIZE
REFERENCE
DESIGNATOR
PCB
QTY
MANUFACTURER'S
PART NUMBER
DISTRIBUTOR'S
PART NUMBER
1
Bead, Ferrite, 3 A, 80 Ω
1206
FB1, FB2
2
(Steward) HI1206N800R-00
(Digi-Key) 240-1010-1-ND
2
Cap, 6.8 μF, Tantalum, 50 V, 10%
D
C3, C6
2
(AVX) TAJD685K050R
(Garrett) TAJD685K050R
3
Cap, 0.1 μF, ceramic, X7R, 50 V
0805
C9, C10
2(2)
(AVX) 08055C104KAT2A
(Garrett) 08055C104KAT2A
4
Cap, 0.1 μF, ceramic, X7R, 50 V
0805
C4, C7
2
(AVX) 08055C104KAT2A
(Garrett) 08055C104KAT2A
5
Resistor, 0 Ω, 1/8 W, 1%
0805
R9
1(2)
(KOA) RK73Z2ALTD
(Garrett) RK73Z2ALTD
6
Resistor, 249 Ω, 1/8 W, 1%
0805
R3
1
(KOA) RK73H2ALTD2490F
(Garrett) RK73H2ALTD2490F
7
Resistor, 1 kΩ, 1/8 W, 1%
0805
R4
1
(KOA) RK73H2ALTD1001F
(Garrett) RK73H2ALTD1001F
8
Open
1206
R8
1
9
Resistor, 0 Ω, 1/4 W, 1%
1206
R1
1
(KOA) RK73Z2BLTD
(Garrett) RK73Z2BLTD
10
Resistor, 49.9 Ω, 1/4 W, 1%
1206
R2, R7
2
(KOA) RK73Z2BLTD49R9F
(Garrett) RK73Z2BLTD49R9F
11
Open
2512
R5, R6
2
12
Header, 0.1-inch (2,54 mm) centers,
0.025-inch (6,35 mm) square pins
JP1, JP2
2 (2)
(Sullins) PZC36SAAN
(Digi-Key) S1011-36-ND
13
Connector, SMA PCB Jack
J1, J2, J3
3
(Amphenol) 901-144-8RFX
(Newark) 01F2208
14
Jack, banana receptacle,
0.25-inch (6,35 mm) dia. hole
J4, J5, J6
3
(SPC) 813
(Newark) 39N867
15
Test point, black
TP1, TP2
2
(Keystone) 5001
(Digi-Key) 5001K-ND
16
Standoff, 4-40 hex,
0.625-inch (15,9 mm) length
4
(Keystone) 1808
(Newark) 89F1934
17
Screw, Phillips, 4-40,
0.25-inch (6,35 mm)
4
SHR-0440-016-SN
18
IC, THS3091(3)
IC, THS3095(2)
U1
1
(TI) THS3091DDA(3)
(TI) THS3095DDA(2)
19
Board, printed-circuit
1
(TI) EDGE # 6446289 Rev. A(3)
(TI) EDGE # 6446290 Rev. A(2)
(1)
All items are designated for both the THS3091DDA and THS3095 EVMs unless otherwise noted.
(2)
THS3095 EVM only.
(3)
THS3091 EVM only.
THS3091, THS3095
SLOS423I – SEPTEMBER 2003 – REVISED DECEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com