Electronic Components Datasheet Search
  English  ▼

X  

THS3095D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095D Datasheet(HTML) 2 Page - Texas Instruments

  THS3095D Datasheet HTML 1Page - Texas Instruments THS3095D Datasheet HTML 2Page - Texas Instruments THS3095D Datasheet HTML 3Page - Texas Instruments THS3095D Datasheet HTML 4Page - Texas Instruments THS3095D Datasheet HTML 5Page - Texas Instruments THS3095D Datasheet HTML 6Page - Texas Instruments THS3095D Datasheet HTML 7Page - Texas Instruments THS3095D Datasheet HTML 8Page - Texas Instruments THS3095D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics THS3091............................ 6
7.6 Electrical Characteristics THS3095............................ 8
7.7 Dissipation Ratings Table..........................................12
7.8 Typical Characteristics (±15 V)................................. 13
7.9 Typical Characteristics (±5 V)................................... 20
8 Detailed Description......................................................24
8.1 Overview................................................................... 24
8.2 Feature Description...................................................24
8.3 Device Functional Modes..........................................25
9 Application and Implementation.................................. 28
9.1 Application Information............................................. 28
9.2 Typical Application.................................................... 31
10 Power Supply Recommendations..............................34
11 Layout........................................................................... 34
11.1 Layout Guidelines................................................... 34
11.2 Layout Example...................................................... 35
11.3 PowerPAD Design Considerations..........................37
11.4 PowerPAD Layout Considerations.......................... 38
11.5 Power Dissipation and Thermal Considerations..... 39
12 Device and Documentation Support..........................40
12.1 Device Support....................................................... 40
12.2 Documentation Support.......................................... 40
12.3 Receiving Notification of Documentation Updates..40
12.4 Support Resources................................................. 40
12.5 Trademarks.............................................................40
12.6 Electrostatic Discharge Caution..............................40
12.7 Glossary..................................................................41
13 Mechanical, Packaging, and Orderable
Information.................................................................... 41
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (October 2015) to Revision I (December 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added the DGN package information to the data sheet..................................................................................... 1
• Added the Device Comparison Table section..................................................................................................... 3
• Updated Thermal Information table.................................................................................................................... 5
Changes from Revision G (February, 2007) to Revision H (October 2015)
Page
• Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section................... 1
Changes from Revision F (February, 2007) to Revision G (February, 2007)
Page
• Changed common-mode rejection ratio specifications from 78 dB (typ) to 69 dB (typ); from 68 dB at +25°C to
62 dB; from 65 dB at (0°C to +70°C) and (–40°C to +85°C) to 59 dB................................................................ 6
• Corrected load resistor value for output current specification (sourcing and sinking) from RL = 40 Ω to RL = 10
Ω......................................................................................................................................................................... 8
• Changed output current (sourcing) specifications from 200 mA (typ) to 180 mA (typ); from 160 mA at +25°C
to 140 mA; from 140 mA at (0°C to +70°C) and (–40°C to +85°C) to 120 mA................................................... 8
• Corrected output current (sinking) specifications from 180 mA (typ) to –160 mA (typ); from 150 mA at +25°C
to –140 mA; from 125 mA at (0°C to +70°C) and (–40°C to +85°C) to –120 mA............................................... 8
THS3091, THS3095
SLOS423I – SEPTEMBER 2003 – REVISED DECEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com