Electronic Components Datasheet Search
  English  ▼

X  

THS3095D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095D
Description  THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095D Datasheet(HTML) 3 Page - Texas Instruments

  THS3095D Datasheet HTML 1Page - Texas Instruments THS3095D Datasheet HTML 2Page - Texas Instruments THS3095D Datasheet HTML 3Page - Texas Instruments THS3095D Datasheet HTML 4Page - Texas Instruments THS3095D Datasheet HTML 5Page - Texas Instruments THS3095D Datasheet HTML 6Page - Texas Instruments THS3095D Datasheet HTML 7Page - Texas Instruments THS3095D Datasheet HTML 8Page - Texas Instruments THS3095D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
5 Device Comparison Table
DEVICE
SUPPLY, VS
(V)
SSBW,
AV = 5
(MHz)
MAXIMUM ICC
AT 25°C
(mA)
INPUT NOISE
Vn
(nV/√ Hz)
HD2/3,
10 VPP AT 50 MHz,
G = 5 V/V
(dBc)
SLEW RATE
(V/µs)
LINEAR
OUTPUT
CURRENT
(mA)
THS3491
±15
900
17.3
1.7
–76/–75
7100(1)
±420
THS3095
±15
190
9.5
1.6
–40/–42
1200(2)
±250
THS3001
±15
350
9
1.6
N/A
1400(3)
±120
THS3061
±15
260
8.3
2.6
N/A
1060(4)
±140
(1)
Slew rate from FPBW of 320 MHz, 10 VPP
(2)
Slew rate from FPBW of 135 MHz, 4 VPP
(3)
Slew rate from FPBW of 32 MHz, 20 VPP
(4)
Slew rate from FPBW of 120 MHz, 4 VPP
www.ti.com
THS3091, THS3095
SLOS423I – SEPTEMBER 2003 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: THS3091 THS3095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com