Electronic Components Datasheet Search
  English  ▼

X  

TJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TJ
Description  Inductors, Toroid, High Current, Radial Leaded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ Datasheet(HTML) 4 Page - Vishay Siliconix

  TJ Datasheet HTML 1Page - Vishay Siliconix TJ Datasheet HTML 2Page - Vishay Siliconix TJ Datasheet HTML 3Page - Vishay Siliconix TJ Datasheet HTML 4Page - Vishay Siliconix TJ Datasheet HTML 5Page - Vishay Siliconix TJ Datasheet HTML 6Page - Vishay Siliconix TJ Datasheet HTML 7Page - Vishay Siliconix TJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TJ
www.vishay.com
Vishay Dale
Revision: 28-Nov-13
4
Document Number: 34079
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TJ5-XX
56.0
± 15 0.032
5.2
56.35
1.52
43.11
2.45
38.32
3.51
33.53
4.56
28.74
0.032 [0.813]
TJ5-XX
68.0
± 15 0.035
5.1
66.42
1.40
50.81
2.26
45.17
3.23
39.52
4.20
33.88
0.032 [0.813]
TJ5-XX
82.0
± 15 0.038
5.0
81.14
1.27
62.08
2.05
55.18
2.92
48.28
3.80
41.38
0.032 [0.813]
TJ5-XX 100.0 ± 15 0.042
4.9
97.34
1.16
74.46
1.87
66.19
2.67
57.91
3.47
49.64
0.032 [0.813]
TJ5-XX 120.0 ± 15 0.047
4.8
119.65
1.04
91.53
1.68
81.36
2.41
71.19
3.13
61.02
0.032 [0.813]
TJ5-XX 150.0 ± 15 0.054
4.7
149.45
0.93
114.33
1.51
101.63
2.15
88.93
2.80
76.22
0.032 [0.813]
TJ5-XX 180.0 ± 15 0.060
4.6
182.57
0.84
139.67
1.36
124.15
1.95
108.63
2.53
93.11
0.032 [0.813]
TJ5-XX 220.0 ± 15 0.067
4.2
219.01
0.77
167.54
1.24
148.92
1.78
130.31
2.31
111.69 0.032 [0.813]
TJ5-XX 270.0 ± 15 0.092
3.7
272.73
0.69
208.64
1.12
185.46
1.59
162.28
2.07
139.09 0.029 [0.737]
TJ5-XX 330.0 ± 15 0.104
3.5
332.35
0.63
254.25
1.01
226.00
1.44
197.75
1.88
169.50 0.029 [0.737]
TJ5-XX 390.0 ± 15 0.138
2.9
389.34
0.58
297.85
0.93
264.75
1.33
231.66
1.73
198.57 0.025 [0.635]
TJ5-XX 470.0 ± 15 0.154
2.8
469.25
0.53
358.97
0.85
319.09
1.21
279.20
1.58
239.32 0.025 [0.635]
TJ5-XX 560.0 ± 15 0.205
2.3
556.60
0.48
425.80
0.78
378.49
1.12
331.18
1.45
283.87 0.023 [0.584]
TJ5-XX 680.0 ± 15 0.232
2.2
684.66
0.44
523.77
0.70
465.57
1.01
407.38
1.31
349.18 0.023 [0.584]
TJ5-XX 820.0 ± 15 0.260
2.1
825.98
0.40
631.87
0.64
561.66
0.92
491.46
1.19
421.25 0.023 [0.584]
TJ5-XX 1000.0 ± 15 0.349
1.7
994.01
0.36
760.42
0.58
675.93
0.83
591.44
1.09
506.95 0.020 [0.508]
TJ5-XX 1200.0 ± 15 0.393
1.6
1207.22
0.33
923.53
0.53
820.91
0.76
718.30
0.98
615.68 0.020 [0.508]
TJ5-XX 1500.0 ± 15 0.539
1.3
1507.01
0.29
1152.86
0.47
1024.76
0.68
896.67
0.88
768.57 0.018 [0.457]
TJ6-XX
1.2
± 20 0.004
16.0
1.12
22.38
0.85
36.15
0.76
51.65
0.66
67.14
0.57
0.045 [1.14]
TJ6-XX
2.2
± 20 0.005
16.0
1.98
16.78
1.52
27.11
1.35
38.73
1.18
50.35
1.01
0.045 [1.14]
TJ6-XX
3.3
± 20 0.006
16.0
3.10
13.43
2.37
21.69
2.11
30.99
1.84
40.28
1.58
0.045 [1.14]
TJ6-XX
4.7
± 15 0.007
16.0
4.46
11.19
3.41
18.08
3.04
25.82
2.66
33.57
2.28
0.045 [1.14]
TJ6-XX
5.6
± 25 0.007
16.0
6.08
9.59
4.65
15.49
4.13
22.13
3.62
28.77
3.10
0.045 [1.14]
TJ6-XX
8.2
± 15 0.008
15.2
7.94
8.39
6.07
13.56
5.40
19.37
4.72
25.18
4.05
0.045 [1.14]
TJ6-XX
10.0
± 15 0.009
14.5
10.04
7.46
7.68
12.05
6.83
17.22
5.98
22.38
5.12
0.045 [1.14]
TJ6-XX
12.0
± 15 0.010
13.9
12.40
6.71
9.49
10.85
8.43
15.49
7.38
20.14
6.32
0.045 [1.14]
TJ6-XX
15.0
± 15 0.011
13.3
15.00
6.10
11.48
9.86
10.20
14.09
8.93
18.31
7.65
0.045 [1.14]
TJ6-XX
18.0
± 15 0.012
12.7
17.86
5.59
13.66
9.04
12.14
12.91
10.62
16.78
9.11
0.045 [1.14]
TJ6-XX
22.0
± 15 0.012
12.5
20.96
5.16
16.03
8.34
14.25
11.92
12.47
15.49
10.69
0.045 [1.14]
TJ6-XX
27.0
± 15 0.014
11.8
27.90
4.48
21.34
7.23
18.97
10.33
16.60
13.43
14.23
0.045 [1.14]
TJ6-XX
33.0
± 15 0.015
11.5
31.74
4.20
24.28
6.78
21.59
9.68
18.89
12.59
16.19
0.045 [1.14]
TJ6-XX
39.0
± 15 0.017
11.0
40.18
3.73
30.73
6.03
27.32
8.61
23.90
11.19
20.49
0.045 [1.14]
TJ6-XX
47.0
± 15 0.017
10.7
44.76
3.53
34.24
5.71
30.44
8.15
26.63
10.60
22.83
0.045 [1.14]
TJ6-XX
56.0
± 15 0.019
10.4
54.68
3.20
41.83
5.16
37.19
7.38
32.54
9.59
27.89
0.045 [1.14]
TJ6-XX
68.0
± 15 0.021
10.0
65.60
2.92
50.18
4.72
44.61
6.74
39.03
8.76
33.45
0.045 [1.14]
TJ6-XX
82.0
± 15 0.023
9.5
83.82
2.58
64.13
4.17
57.00
5.96
49.88
7.75
42.75
0.045 [1.14]
TJ6-XX 100.0 ± 15 0.025
9.2
97.22
2.40
74.37
3.87
66.11
5.53
57.84
7.19
49.58
0.045 [1.14]
TJ6-XX 120.0 ± 15 0.027
8.8
119.16
2.17
91.16
3.50
81.03
5.00
70.90
6.50
60.77
0.045 [1.14]
TJ6-XX 150.0 ± 15 0.031
8.6
151.90
1.92
116.20
3.10
103.29
4.43
90.38
5.75
77.47
0.045 [1.14]
TJ6-XX 180.0 ± 15 0.033
8.5
179.06
1.77
136.98
2.85
121.76
4.08
106.54
5.30
91.32
0.045 [1.14]
TJ6-XX 220.0 ± 15 0.037
8.4
218.74
1.60
167.33
2.58
148.74
3.69
130.15
4.80
111.56
0.045 [1.14]
TJ6-XX 270.0 ± 15 0.058
7.4
273.92
1.43
209.55
2.31
186.26
3.30
162.98
4.29
139.70
0.040 [1.02]
TJ6-XX 330.0 ± 15 0.065
7.0
335.30
1.29
256.50
2.09
228.00
2.98
199.50
3.87
171.00
0.040 [1.02]
TJ6-XX 390.0 ± 15 0.070
6.7
388.86
1.20
297.48
1.94
264.43
2.77
231.37
3.60
198.32
0.040 [1.02]
TJ6-XX 470.0 ± 15 0.101
5.5
476.66
1.08
364.64
1.75
324.13
2.50
283.61
3.25
243.09 0.036 [0.914]
TJ6-XX 560.0 ± 15 0.110
5.3
556.64
1.00
425.83
1.62
378.51
2.31
331.20
3.01
283.88 0.036 [0.914]
TJ6-XX 680.0 ± 15 0.129
4.4
679.02
0.91
519.45
1.47
461.74
2.09
404.02
2.72
346.30 0.032 [0.813]
TJ6-XX 820.0 ± 15 0.143
4.2
813.56
0.83
622.38
1.34
553.22
1.91
484.07
2.49
414.92 0.032 [0.813]
TJ6-XX 1000.0 ± 15 0.160
4.0
1004.40
0.75
768.37
1.21
682.99
1.72
597.62
2.24
512.24 0.032 [0.813]
TJ6-XX 1200.0 ± 15 0.209
3.3
1190.90
0.69
911.04
1.11
809.81
1.58
708.58
2.06
607.36 0.029 [0.737]
TJ6-XX 1500.0 ± 15 0.238
3.1
1500.40
0.61
1147.81
0.99
1020.27
1.41
892.74
1.83
765.20 0.029 [0.737]
TJ6-XX 1800.0 ± 15 0.323
2.6
1785.60
0.56
1365.98
0.90
1214.21
1.29
1062.43
1.68
910.66 0.025 [0.635]
TJ6-XX 2200.0 ± 15 0.363
2.5
2193.44
0.50
1677.98
0.82
1491.54
1.16
1305.09
1.51
1118.65 0.025 [0.635]
TJ6-XX 2700.0 ± 15 0.499
2.0
2716.10
0.45
2077.81
0.73
1846.95
1.05
1616.08
1.36
1385.21 0.023 [0.584]
STANDARD ELECTRICAL SPECIFICATIONS in inches [millimeters]
MODEL
IND.
(μH)
TOL.
(%)
DCR
NOM.
(
)
RATED
DC
CURRENT
(A)
IND.
NOM.
AT
0 DCA
(μH)
INDUCTANCE SHIFT WITH DC CURRENT (1)
LEAD
DIAMETER
“A”
10 %
CURRENT
(A)
IND.
MIN.
(μH)
20 %
CURRENT
(A)
IND.
MIN.
(μH)
30 %
CURRENT
(A)
IND.
MIN.
(μH)
40 %
CURRENT
(A)
IND.
MIN.
(μH)
Note
• The DC current values listed are typical values that drop the nominal inductance by the percent listed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com