Electronic Components Datasheet Search
  English  ▼

X  

TJ Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TJ
Description  Inductors, Toroid, High Current, Radial Leaded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ Datasheet(HTML) 7 Page - Vishay Siliconix

  TJ Datasheet HTML 1Page - Vishay Siliconix TJ Datasheet HTML 2Page - Vishay Siliconix TJ Datasheet HTML 3Page - Vishay Siliconix TJ Datasheet HTML 4Page - Vishay Siliconix TJ Datasheet HTML 5Page - Vishay Siliconix TJ Datasheet HTML 6Page - Vishay Siliconix TJ Datasheet HTML 7Page - Vishay Siliconix TJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TJ
www.vishay.com
Vishay Dale
Revision: 28-Nov-13
7
Document Number: 34079
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TJ9-XX 2200.0 ± 15 0.131
8.4
2190.24
1.29
1675.53
2.09
1489.36
2.98
1303.19
3.87
1117.02 0.051 [1.30]
TJ9-XX 2700.0 ± 15 0.147
8.0
2704.00
1.16
2068.56
1.88
1838.72
2.68
1608.88
3.49
1379.04 0.051 [1.30]
TJ9-XX 3300.0 ± 15 0.165
7.6
3317.76
1.05
2538.09
1.69
2256.08
2.42
1974.07
3.15
1692.06 0.051 [1.30]
TJ9-XX 3900.0 ± 15 0.181
5.2
3893.76
0.97
2978.73
1.56
2647.76
2.23
2316.79
2.90
1985.82 0.051 [1.30]
TJ9-XX 4700.0 ± 15 0.201
5.1
4678.56
0.88
3579.10
1.43
3181.42
2.04
2783.74
2.65
2386.07 0.051 [1.30]
TJ9-XX 5600.0 ± 15 0.224
5.0
5595.04
0.81
4280.21
1.30
3804.63
1.86
3329.05
2.42
2853.47 0.051 [1.30]
MARKING
- Vishay Dale
- Model number
- Date code
ORDERING INFORMATION
TJ5
1U
330 μH
± 15 %
EB
e2
MODEL
MOUNTING/COATING
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
TJ
5
1
U
E
B
3
3
1
L
MODEL
MOUNTING/COATING
CODE
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
STANDARD ELECTRICAL SPECIFICATIONS in inches [millimeters]
MODEL
IND.
(μH)
TOL.
(%)
DCR
NOM.
(
)
RATED
DC
CURRENT
(A)
IND.
NOM.
AT
0 DCA
(μH)
INDUCTANCE SHIFT WITH DC CURRENT (1)
LEAD
DIAMETER
“A”
10 %
CURRENT
(A)
IND.
MIN.
(μH)
20 %
CURRENT
(A)
IND.
MIN.
(μH)
30 %
CURRENT
(A)
IND.
MIN.
(μH)
40 %
CURRENT
(A)
IND.
MIN.
(μH)
Note
• The DC current values listed are typical values that drop the nominal inductance by the percent listed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com