Electronic Components Datasheet Search
  English  ▼

X  

TJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TJ
Description  Inductors, Toroid, High Current, Radial Leaded
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ Datasheet(HTML) 1 Page - Vishay Siliconix

  TJ Datasheet HTML 1Page - Vishay Siliconix TJ Datasheet HTML 2Page - Vishay Siliconix TJ Datasheet HTML 3Page - Vishay Siliconix TJ Datasheet HTML 4Page - Vishay Siliconix TJ Datasheet HTML 5Page - Vishay Siliconix TJ Datasheet HTML 6Page - Vishay Siliconix TJ Datasheet HTML 7Page - Vishay Siliconix TJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TJ
www.vishay.com
Vishay Dale
Revision: 28-Nov-13
1
Document Number: 34079
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Inductors, Toroid, High Current, Radial Leaded
FEATURES
• Printed circuit mounting
• Wide range of inductance and current ratings
• Toroid design reduces EMI
• Vertical or horizontal mounting to optimize
P.C. board layout
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATION
Switching power supplies, EMI/RFI filtering, output chokes
Notes
• On larger units and units with finer wire, additional mechanical mounting is recommended.
(1) Leads stripped to within 0.062" [1.58 mm] of the coil.
DIMENSIONS in inches [millimeters]
VERTICAL MOUNT
(MOUNTING/COATING CODE - 1U)
HORIZONTAL MOUNT
(MOUNTING/COATING CODE - 2U)
MODEL
DIAMETER
(D)
(max.)
HEIGHT
(H)
(max.)
NOM. LEAD
SPACING
(Ls)
NOM. LEAD
DIAMETER
(Ld)
MODEL
DIAMETER
(D)
(max.)
HEIGHT
(H)
(max.)
NOM. LEAD
SPACING
(Ls)
NOM. LEAD
DIAMETER
(Ld)
TJ3
0.65
[16.5]
0.30
[7.6]
0.26 ± 0.04
[6.60 ± 1.02]
see TJ3 data
TJ3
0.66
[16.8]
0.32
[8.1]
0.58 ± 0.08
[14.7 ± 2.03]
see TJ3 data
TJ4
0.88
[22.4]
0.40
[10.2]
0.31 ± 0.09
[7.87 ± 2.29]
see TJ4 data
TJ4
0.88
[22.4]
0.40
[10.2]
0.78 ± 0.10
[19.8 ± 2.54]
see TJ4 data
TJ5
1.00
[25.4]
0.45
[11.4]
0.37 ± 0.08
[9.40 ± 2.03]
see TJ5 data
TJ5
1.00
[25.4]
0.45
[11.4]
0.90 ± 0.10
[22.9 ± 2.54]
see TJ5 data
TJ6
1.38
[35.1]
0.83
[21.1]
0.73 ± 0.10
[18.5 ± 2.54]
see TJ6 data
TJ6
1.38
[35.1]
0.83
[21.1]
1.22 ± 0.16
[31.0 ± 4.06]
see TJ6 data
TJ7
1.65
[41.9]
0.75
[19.1]
0.62 ± 0.13
[15.8 ± 3.30]
see TJ7 data
TJ7
1.65
[41.9]
0.75
[19.1]
1.48 ± 0.17
[37.6 ± 4.32]
see TJ7 data
TJ8
1.92
[48.8]
1.00
[25.4]
0.82 ± 0.18
[20.8 ± 4.57]
see TJ8 data
TJ8
1.94
[49.3]
1.00
[25.4]
1.76 ± 0.18
[44.7 ± 4.57]
see TJ8 data
TJ9
2.66
[67.6]
1.42
[36.1]
1.25 ± 0.17
[31.8 ± 4.32]
see TJ9 data
TJ9
2.72
[69.1]
1.42
[36.1]
2.49 ± 0.23
[63.2 ± 5.84]
see TJ9 data
ENVIRONMENTAL PERFORMANCE
TEST
CONDITIONS
SPECIFICATIONS
Thermal Shock
Test condition B1
MIL-STD-202, method 107
Resistance to Soldering Heat
-
MIL-STD-202, method 210
Solderability
-
MIL-STD-202, method 208
Part
Marking
H
D
0.500 [12.7]
Min.
Ls
Hot Solder Dip
Leads
Ld
0.062 [1.58]
Max.
(1)
Part
Marking
Hot Solder Dip
Leads
Ld
Ls
0.062 [1.58]
Max.
(1)
0.500
[12.7]
Min.
H
D


Similar Description - TJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IH10EB101K VISHAY-IH10EB101K Datasheet
82Kb / 4P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
TJ3-HT VISHAY-TJ3-HT_12 Datasheet
149Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ5-HT VISHAY-TJ5-HT_12 Datasheet
147Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ3-HT VISHAY-TJ3-HT_17 Datasheet
149Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ5-HT VISHAY-TJ5-HT_17 Datasheet
147Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
IH VISHAY-IH Datasheet
83Kb / 3P
Filter Inductors, High Current, Radial Leaded
08-Aug-14
IHB VISHAY-IHB_V01 Datasheet
91Kb / 6P
Filter Inductors, High Current, Radial Leaded
26-Mar-14
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
TJ5-HT VISHAY-TJ5-HT_V01 Datasheet
130Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com