Electronic Components Datasheet Search
  English  ▼

X  

AS8500 Datasheet(PDF) 12 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 12 Page - ams AG

Back Button AS8500 Datasheet HTML 8Page - ams AG AS8500 Datasheet HTML 9Page - ams AG AS8500 Datasheet HTML 10Page - ams AG AS8500 Datasheet HTML 11Page - ams AG AS8500 Datasheet HTML 12Page - ams AG AS8500 Datasheet HTML 13Page - ams AG AS8500 Datasheet HTML 14Page - ams AG AS8500 Datasheet HTML 15Page - ams AG AS8500 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
AS8500 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 12 of 39
7.2.3
Internal temperature sensor
The ASIC contains a high sensitive precision temperature sensor
which can be used at any time. The sensor supplies a very linear
voltage with temperature. The voltage can be measured using the
internal circuitry with gain 6, with free selection of all other parameters
defining the sampling rate.
The slope of the curve is approx. 75 digits per degC.
The calculation of the temperature has to be done in the external µC
acc. to the following simple formula:
Tint=( Uint(T)-Uint(23) ) / 75 + 23°C
Uint(T) is the measured result and Uint(23) is the reference value at
23°C, which is stored as an 11 bit-word in the ZZR-register.
7.3
Digital part
In the digital part the result of the AD-converter is processed, i.e.
calibration, active offset cancellation and filtering is done. In addition
the communication via the serial SDI interface is handled and all
circuit functions (like voltage and current path settings, chopping,
dechopping) are controlled.
Whenever the power supply line returns from below POR threshold a
power-up circuitry is activated which loads the internal calibration
registers from the Zener-Zap memory into the working register and
starts the chip in a special default mode.
7.3.1
Sampling rate
the sampling rate (SR) is defined by the setting of parameters in
register CRA or CRB. The oversampling frequency (OSF), the
oversampling ratio (OSR), the chopping ratio (MM) and the averaging
number (AV). The sampling rate can be calculated acc. to the
following formula:
SR= OSF/(OSR*MM*AV)
For an clock frequency of 8.192 MHz it can vary between
16 000 Hz and 1.95 Hz.
In the dual mode (see 7.4 mode 2) the ASIC is switching automatically
between the two channels and it needs at least one measurement for
each polarity to get a valid measurement. In addition the ASIC needs
some time to reprogram the internal registers and switches. Therefore
the maximum sampling frequency is limited to 7.5 kHz for the above
given clock frequency. The internal averaging is not working in the
dual mode, but the sampling frequency can be different for each
channel.
7.3.2
Calibration
The calibration of the ASIC is done by a test setup as follows:
-
room temperature calibration of the internal temperature sensor
-
absolute input-output calibration for all gain settings
-
TC calibration for the measurement path for gain 24
The absolute input-output calibration of the gain ranges can be done
that way that for a given input voltage 30 000 digits at the output are
produced:
Table 7.2.2
The TC-value of the output (total measurement path) for G24 can be
trimmed to a minimum value by selecting the best setting of the
TRIMBTC subregister of the TRR register (see 7.5.7).
A factory calibration is done for the amplifier offset (TRIMA).
This data is stored in the ZZR register. ZZR-register mapping is given
in 8.6.2
measurement of internal temperature sensor over oil bath temperature
15000
20000
25000
30000
35000
-50
-25
0
25
50
75
100
125
150
175
temperature in deg C
-100
-75
-50
-25
0
25
50
75
100
output signal
linearity deviation
cubic fit
gain
input/mV
output/digits
1
720
30 000
6
120
30 000
24
30
30 000
50
15
30 000
100
7.5
30 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com