Electronic Components Datasheet Search
  English  ▼

X  

AS8500 Datasheet(PDF) 35 Page - ams AG

Part # AS8500
Description  Universal multi pupose data aquisition system
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8500 Datasheet(HTML) 35 Page - ams AG

Back Button AS8500 Datasheet HTML 31Page - ams AG AS8500 Datasheet HTML 32Page - ams AG AS8500 Datasheet HTML 33Page - ams AG AS8500 Datasheet HTML 34Page - ams AG AS8500 Datasheet HTML 35Page - ams AG AS8500 Datasheet HTML 36Page - ams AG AS8500 Datasheet HTML 37Page - ams AG AS8500 Datasheet HTML 38Page - ams AG AS8500 Datasheet HTML 39Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
AS8500 - Preliminary Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 35 of 39
parameters: 300A, G24, AV4, OSF 2.048, OSR 128
-0,5
-0,3
0,0
0,3
0,5
-25,0
0,0
25,0
50,0
75,0
100,0
125,0
temperature in deg C
250 A
15 mA
0 A
-150 A
-250 A
Figure 14: Linearity deviation for different currents over
temperature
10
Typical performance characteristics
parameters: 300A, G24, AV4, OSF 2.048, OSR
128
29990
29995
30000
30005
30010
0
500
1000
1500
2000
measurement no.
Figure 16: Resolution and noise at 95% full scale,
sampling rate: 1kHz
parameters: 300A, G24, AV32, OSF 2.048, OSR 128
-10
-5
0
5
10
0
500
1000
1500
2000
measurement no.
Figure 13: Resolution and noise at zero input, sampling rate: 1kHz
dual channel measurement, sampling rate f=8
kHz
-10000
-5000
0
5000
10000
200
220
240
260
280
measurement number
RSHH-RSHL 100Hz square
VBAT
220Hz sine
Figure 17: Dual mode measurement
parameters: 300A, G24, AV4, OSF 2.048, OSR 128
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
-400
-300
-200
-100
0
100
200
300
400
input current in A
Figure 15: Linearity deviation over input signal
G24,AV=4,1000Hz, external averaging
0,01
0,1
1
10
1
10
100
1000
10000
final frequency in Hz
2.048 MHz
4.096 MHz
'best chopper OPA of the world'
peak to peak
sigma
pp
Figure 18: Output voltage noise over sampling rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com