Electronic Components Datasheet Search
  English  ▼

X  

TTC008 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TTC008
Description  Bipolar Transistors Silicon NPN Triple-Diffused Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC008 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TTC008 Datasheet HTML 1Page - Toshiba Semiconductor TTC008 Datasheet HTML 2Page - Toshiba Semiconductor TTC008 Datasheet HTML 3Page - Toshiba Semiconductor TTC008 Datasheet HTML 4Page - Toshiba Semiconductor TTC008 Datasheet HTML 5Page - Toshiba Semiconductor TTC008 Datasheet HTML 6Page - Toshiba Semiconductor TTC008 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TTC008
6
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
Weight: 0.36 g (typ.)
Package Name(s)
TOSHIBA: 2-7J2S
Nickname: New PW-Mold2
2014-04-03
Rev.2.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com