Electronic Components Datasheet Search
  English  ▼

X  

TTC008 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TTC008
Description  Bipolar Transistors Silicon NPN Triple-Diffused Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC008 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TTC008 Datasheet HTML 1Page - Toshiba Semiconductor TTC008 Datasheet HTML 2Page - Toshiba Semiconductor TTC008 Datasheet HTML 3Page - Toshiba Semiconductor TTC008 Datasheet HTML 4Page - Toshiba Semiconductor TTC008 Datasheet HTML 5Page - Toshiba Semiconductor TTC008 Datasheet HTML 6Page - Toshiba Semiconductor TTC008 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TTC008
1
Bipolar Transistors Silicon NPN Triple-Diffused Type
TTC008
TTC008
TTC008
TTC008
Start of commercial production
2010-05
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed High-Voltage Switching
•
Switching Voltage Regulators
•
High-Speed DC-DC Converters
2.
2.
2.
2. Features
Features
Features
Features
(1)
High collector-emitter voltage: VCEO = 285 V, VCES = 600 V
(2)
High DC current gain: hFE = 100 to 200 (IC = 0.3 A)
(3)
Excellent switching times: tf = 0.1 µs (typ.)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
New PW-Mold2
1. Base
2. Collector
3. Emitter
2014-04-03
Rev.2.0


Similar Part No. - TTC008

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC0001 TOSHIBA-TTC0001 Datasheet
186Kb / 5P
Transistor Silicon NPN Triple Diffused Type
TTC0001 TOSHIBA-TTC0001 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
TTC0001 ISC-TTC0001 Datasheet
329Kb / 2P
isc Silicon NPN Transistor
logo
Toshiba Semiconductor
TTC0002 TOSHIBA-TTC0002 Datasheet
194Kb / 5P
Transistor Silicon NPN Triple Diffused Type
TTC0002 TOSHIBA-TTC0002 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TTC008

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC012 TOSHIBA-TTC012 Datasheet
190Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
TTD1409B TOSHIBA-TTD1409B Datasheet
183Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
Rev.4.0
TTB1020B TOSHIBA-TTB1020B Datasheet
207Kb / 7P
Bipolar Transistors Silicon PNP Triple-Diffused Type
2020-01-29 Rev.4.0
TTC014 TOSHIBA-TTC014 Datasheet
171Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2014-03-10 Rev.2.0
TTA010 TOSHIBA-TTA010 Datasheet
279Kb / 6P
Bipolar Transistors Silicon PNP Triple-Diffused Type
2021-06-24 Rev.1.0
TTC013 TOSHIBA-TTC013 Datasheet
175Kb / 7P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2015-08-04 Rev.3.0
TTC018 TOSHIBA-TTC018 Datasheet
291Kb / 6P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2021-06-24 Rev.1.0
TTC5460B TOSHIBA-TTC5460B Datasheet
154Kb / 7P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2016-02-05 Rev.1.0
TTD1410B TOSHIBA-TTD1410B Datasheet
153Kb / 5P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2015-08-06 Rev.3.0
TTD1415B TOSHIBA-TTD1415B Datasheet
176Kb / 7P
Bipolar Transistors Silicon NPN Triple-Diffused Type
2015-08-06 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com