Electronic Components Datasheet Search
  English  ▼

X  

AP63301Q Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP63301Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63301Q Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP63301Q Datasheet HTML 4Page - Diodes Incorporated AP63301Q Datasheet HTML 5Page - Diodes Incorporated AP63301Q Datasheet HTML 6Page - Diodes Incorporated AP63301Q Datasheet HTML 7Page - Diodes Incorporated AP63301Q Datasheet HTML 8Page - Diodes Incorporated AP63301Q Datasheet HTML 9Page - Diodes Incorporated AP63301Q Datasheet HTML 10Page - Diodes Incorporated AP63301Q Datasheet HTML 11Page - Diodes Incorporated AP63301Q Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AP63300Q/AP63301Q
Document number: DS43699 Rev. 1 - 2
8 of 22
www.diodes.com
May 2021
© Diodes Incorporated
AP63300Q/AP63301Q
Typical Performance Characteristics (AP63300Q @ TA = +25°C, VIN = 12V, VOUT = 5V, BOM = Table 1, unless otherwise
specified.)
Figure 13. Efficiency vs. Output Current, VIN = 12V
Figure 14. Efficiency vs. Output Current, VIN = 24V
Figure 15. Line Regulation
Figure 16. Load Regulation
Figure 17. IQ vs. Temperature
Figure 18. fsw vs. Load
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 6.8
μH
VOUT = 3.3V, L = 4.7
μH
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT = 5V, L = 6.8
μH
VOUT = 3.3V, L = 4.7
μH
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
4
8
12
16
20
24
28
32
36
VIN (V)
IOUT = 0A
IOUT = 1A
IOUT = 2A
IOUT = 3A
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IOUT (A)
VIN = 12V
VIN = 24V
15
20
25
30
35
40
45
50
55
60
65
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
60
120
180
240
300
360
420
480
540
600
0.001
0.010
0.100
1.000
10.000
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com