Electronic Components Datasheet Search
  English  ▼

X  

AP63301Q Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP63301Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63301Q Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP63301Q Datasheet HTML 12Page - Diodes Incorporated AP63301Q Datasheet HTML 13Page - Diodes Incorporated AP63301Q Datasheet HTML 14Page - Diodes Incorporated AP63301Q Datasheet HTML 15Page - Diodes Incorporated AP63301Q Datasheet HTML 16Page - Diodes Incorporated AP63301Q Datasheet HTML 17Page - Diodes Incorporated AP63301Q Datasheet HTML 18Page - Diodes Incorporated AP63301Q Datasheet HTML 19Page - Diodes Incorporated AP63301Q Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
AP63300Q/AP63301Q
Document number: DS43699 Rev. 1 - 2
16 of 22
www.diodes.com
May 2021
© Diodes Incorporated
AP63300Q/AP63301Q
Application Information (continued)
7
Overcurrent Protection (OCP)
The AP63300Q/AP63301Q has cycle-by-cycle peak current limit protection by sensing the current through the internal high-side power MOSFET,
Q1. While Q1 is on, the internal sensing circuitry monitors its conduction current. Once the current through Q1 exceeds the peak current limit, Q1
immediately turns off. If Q1 consistently hits the peak current limit for 512 cycles, the buck converter enters hiccup mode and shuts down. After
8192 cycles of down time, the buck converter restarts powering up. Hiccup mode reduces the power dissipation in the overcurrent condition.
8
Thermal Shutdown (TSD)
If the junction temperature of the device reaches the thermal shutdown limit of +160°C, the AP63300Q/AP63301Q shuts down both its high-side
and low-side power MOSFETs. When the junction temperature reduces to the required level (+135°C typical), the device initiates a normal power-
up cycle with soft-start.
9
Power Derating Characteristics
To prevent the regulator from exceeding the maximum recommended operating junction temperature, some thermal analysis is required. The
regulator’s temperature rise is given by:
������������������������������ = ������������ ∙ (������������������)
Eq. 4
Where:
PD is the power dissipated by the regulator
θJA is the thermal resistance from the junction of the die to the ambient temperature
The junction temperature, TJ, is given by:
������������ = ������������ + ������������������������������
Eq. 5
Where:
TA is the ambient temperature of the environment
For the TSOT26 package, the
θJA is 89°C/W. The actual junction temperature should not exceed the maximum recommended operating junction
temperature of +150°C when considering the thermal design. Figure 41 shows a typical derating curve versus ambient temperature.
Figure 41. Output Current Derating Curve vs. Ambient Temperature, VIN = 12V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
140
160
Ambient Temperature (
°C)
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com