Electronic Components Datasheet Search
  English  ▼

X  

AP63301Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP63301Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63301Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP63301Q Datasheet HTML 1Page - Diodes Incorporated AP63301Q Datasheet HTML 2Page - Diodes Incorporated AP63301Q Datasheet HTML 3Page - Diodes Incorporated AP63301Q Datasheet HTML 4Page - Diodes Incorporated AP63301Q Datasheet HTML 5Page - Diodes Incorporated AP63301Q Datasheet HTML 6Page - Diodes Incorporated AP63301Q Datasheet HTML 7Page - Diodes Incorporated AP63301Q Datasheet HTML 8Page - Diodes Incorporated AP63301Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AP63300Q/AP63301Q
Document number: DS43699 Rev. 1 - 2
1 of 22
www.diodes.com
May 2021
© Diodes Incorporated
AP63300Q/AP63301Q
AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Description
The
AP63300Q/AP63301Q
is
an
automotive-compliant,
3A,
synchronous buck converter with a wide input voltage range of 3.8V to
32V. The device fully integrates a 75
mΩ high-side power MOSFET
and a 40
mΩ low-side power MOSFET to provide high-efficiency step-
down DC-DC conversion.
The AP63300Q/AP63301Q device is easily used by minimizing the
external component count due to its adoption of peak current mode
control along with its integrated loop compensation network.
The AP63300Q/AP63301Q design is optimized for Electromagnetic
Interference (EMI) reduction. The device has a proprietary gate driver
scheme to resist switching node ringing without sacrificing MOSFET
turn-on and turn-off times, which reduces high-frequency radiated EMI
noise caused by MOSFET switching. The AP63300Q also features
Frequency Spread Spectrum (FSS) with a switching frequency jitter of
±6%, which reduces EMI by not allowing emitted energy to stay in any
one frequency for a significant period of time.
The device is available in a TSOT26 package.
Features
AEC-Q100 Qualified for Automotive Applications
Device Temperature Grade 1: -40°C to +125°C TA Range
VIN: 3.8V to 32V
Output Voltage (VOUT): 0.8V to VIN
3A Continuous Output Current
0.8V ±1% Reference Voltage
22µA Low Quiescent Current (Pulse Frequency Modulation)
500kHz Switching Frequency
Supports Pulse Frequency Modulation (PFM)
AP63300Q
Up to 88% Efficiency at 5mA Light Load
Pulse Width Modulation (PWM) Regardless of Output Load
AP63301Q
Proprietary Gate Driver Design for Best EMI Reduction
Frequency Spread Spectrum (FSS) to Reduce EMI
AP63300Q
Low-Dropout (LDO) Mode
Precision Enable Threshold to Adjust UVLO
Protection Circuitry
Undervoltage Lockout (UVLO)
Output Overvoltage Protection (OVP)
Cycle-by-Cycle Peak Current Limit
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The AP63300Q and AP63301Q are suitable for automotive
applications requiring specific change control; these parts
are AEC-Q100 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
1
2
3
4
5
6
FB
EN
VIN
GND
SW
BST
TSOT26
(Top View)
Applications
Automotive Power Systems
Automotive Infotainment
Automotive Instrument Clusters
Automotive Body Electronics and Lighting
Automotive Telematics
Advanced Driver Assistance Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more
information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP63301Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63301Q DIODES-AP63301Q Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
AP63301QWU-7 DIODES-AP63301QWU-7 Datasheet
506Kb / 2P
32V, Low IQ, 2A and 3A Synchronous Buck Converters in TSOT26 for Automotive Point-of-Load Applications
More results

Similar Description - AP63301Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP63300 DIODES-AP63300 Datasheet
1Mb / 22P
3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
August 2019
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP62300 DIODES-AP62300 Datasheet
1Mb / 23P
4.2V TO 18V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 January 2021
AP63200Q DIODES-AP63200Q Datasheet
2Mb / 30P
AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 September 2021
AP66300 DIODES-AP66300 Datasheet
2Mb / 25P
3.8V TO 60V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2022
AP66300Q DIODES-AP66300Q Datasheet
2Mb / 25P
3.8V TO 60V INPUT AUTOMOTIVE GRADE, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com