Electronic Components Datasheet Search
  English  ▼

X  

AP64060Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP64060Q
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060Q Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP64060Q Datasheet HTML 3Page - Diodes Incorporated AP64060Q Datasheet HTML 4Page - Diodes Incorporated AP64060Q Datasheet HTML 5Page - Diodes Incorporated AP64060Q Datasheet HTML 6Page - Diodes Incorporated AP64060Q Datasheet HTML 7Page - Diodes Incorporated AP64060Q Datasheet HTML 8Page - Diodes Incorporated AP64060Q Datasheet HTML 9Page - Diodes Incorporated AP64060Q Datasheet HTML 10Page - Diodes Incorporated AP64060Q Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AP64060Q
Document number: DS44124 Rev. 3 - 2
7 of 19
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP64060Q
Typical Performance Characteristics (@ TA = +25°C, VIN = 12V, VOUT = 5V, BOM = Table 1, unless otherwise specified.)
Figure 4. Efficiency vs. Output Current, VIN = 12V
Figure 5. Efficiency vs. Output Current, VIN = 24V
Figure 6. Line Regulation
Figure 7. Load Regulation
Figure 8. Feedback Voltage vs. Temperature
Figure 9. VIN Power-On Reset and UVLO vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
IOUT (A)
VIN = 12V, VOUT = 5V, L =10
μH
VIN = 12V, VOUT = 3.3V, L =8.2
μH
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
IOUT (A)
VIN =24V, VOUT = 5V, L =10
μH
VIN = 24V, VOUT = 3.3V, L = 8.2
μH
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
5.12
5
10
15
20
25
30
35
40
45
VIN (V)
IOUT = 0A
IOUT = 0.3A
IOUT = 0.6A
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
5.12
0.00
0.08
0.15
0.23
0.30
0.38
0.45
0.53
0.60
IOUT (A)
VIN = 12V
VIN = 24V
0.808
0.809
0.810
0.811
0.812
0.813
0.814
0.815
0.816
0.817
0.818
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
VIN Rising POR
VIN Falling UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com