Electronic Components Datasheet Search
  English  ▼

X  

AP64060Q Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP64060Q
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060Q Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP64060Q Datasheet HTML 4Page - Diodes Incorporated AP64060Q Datasheet HTML 5Page - Diodes Incorporated AP64060Q Datasheet HTML 6Page - Diodes Incorporated AP64060Q Datasheet HTML 7Page - Diodes Incorporated AP64060Q Datasheet HTML 8Page - Diodes Incorporated AP64060Q Datasheet HTML 9Page - Diodes Incorporated AP64060Q Datasheet HTML 10Page - Diodes Incorporated AP64060Q Datasheet HTML 11Page - Diodes Incorporated AP64060Q Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AP64060Q
Document number: DS44124 Rev. 3 - 2
8 of 19
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP64060Q
Typical Performance Characteristics (@ TA = +25°C, VIN = 12V, VOUT = 5V, BOM = Table 1, unless otherwise specified.)
(continued)
Figure 10. IQ vs. Temperature
Figure 11. ISHDN vs. Temperature
Figure 12. fSW vs. Temperature
Figure 13. fSW vs. IOUT (A)
Figure 14. Output Voltage Ripple, VOUT = 5V; IOUT = 50mA
Figure 15. Output Voltage Ripple, VOUT = 5V; IOUT = 600mA
76
80
84
88
92
96
100
104
108
112
116
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
0.00
0.08
0.15
0.23
0.30
0.38
0.45
0.53
0.60
IOUT (A)
500ns/div
VOUT (10mV/div)
IL (100mA/div)
VSW (10V/div)
VOUT (10mV/div)
IL (500mA/div)
VSW (10V/div)
500ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com