Electronic Components Datasheet Search
  English  ▼

X  

AP64060Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP64060Q
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP64060Q Datasheet HTML 1Page - Diodes Incorporated AP64060Q Datasheet HTML 2Page - Diodes Incorporated AP64060Q Datasheet HTML 3Page - Diodes Incorporated AP64060Q Datasheet HTML 4Page - Diodes Incorporated AP64060Q Datasheet HTML 5Page - Diodes Incorporated AP64060Q Datasheet HTML 6Page - Diodes Incorporated AP64060Q Datasheet HTML 7Page - Diodes Incorporated AP64060Q Datasheet HTML 8Page - Diodes Incorporated AP64060Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AP64060Q
Document number: DS44124 Rev. 3 - 2
1 of 19
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP64060Q
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Description
The DIODESTM AP64060Q is a 600mA, synchronous buck converter
with a wide input voltage range of 4.5V to 40V. The device fully
integrates a 600
mΩ high-side power MOSFET and a 300mΩ low-
side power MOSFET to provide high-efficiency step-down DC-DC
conversion.
The AP64060Q device is easily used by minimizing the external
component count due to its adoption of peak current mode control
along with its integrated loop compensation network.
The AP64060Q design is optimized for Electromagnetic Interference
(EMI) reduction. The device has a proprietary gate driver scheme to
resist switching node ringing without sacrificing MOSFET turn-on and
turn-off times, which reduces high-frequency radiated EMI noise
caused by MOSFET switching.
The device is available in a TSOT26 package.
Features
AEC-Q100 Qualified with the Following Results
Device Temperature Grade 1: -40°C to +125°C TA Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C5
VIN 4.5V to 40V
600mA Continuous Output Current
Less than 0.1% Output Ripple at 12V
90µA Low Quiescent Current (Pulse Frequency Modulation)
2.2MHz Switching Frequency
Supports Pulse Frequency Modulation (PFM)
Proprietary Gate Driver Design for Best EMI Reduction
Precision Enable Threshold to Adjust UVLO
Protection Circuitry
Undervoltage Lockout (UVLO)
Output Overvoltage Protection (OVP)
Cycle-by-Cycle Peak Current Limit
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The AP64060Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
1
2
3
4
5
6
FB
EN
VIN
GND
SW
BST
TSOT26
TOP VIEW
Applications
5V, 12V, and 24V distributed power bus supplies
eMeter
Automotive
White goods and small home appliances
FPGA, DSP and ASIC supplies
General purpose point of load
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP64060Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64060Q DIODES-AP64060Q Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
AP64060QWU-7 DIODES-AP64060QWU-7 Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
More results

Similar Description - AP64060Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP63200 DIODES-AP63200 Datasheet
703Kb / 18P
LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev 2
logo
TECHCODE SEMICONDUCTOR,...
TD1465 TECHCODE-TD1465 Datasheet
489Kb / 9P
40V, 600MA, 1MHz synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM8115 HMSEMI-HM8115 Datasheet
590Kb / 8P
40V, 600MA, 1MHz synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1465 FS-FTD1465 Datasheet
718Kb / 9P
40V 600mA 1MHz synchronous Buck Converter
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP63300 DIODES-AP63300 Datasheet
1Mb / 22P
3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
August 2019
AP62800 DIODES-AP62800 Datasheet
1Mb / 26P
4.5V TO 17V INPUT, 8A SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 November 2022
AP63356 DIODES-AP63356 Datasheet
1Mb / 29P
3.8V TO 32V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 August 2019
AP64060 DIODES-AP64060 Datasheet
1Mb / 18P
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com