Electronic Components Datasheet Search
  English  ▼

X  

1N821 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 1N821
Description  Voltage reference diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N821 Datasheet(HTML) 1 Page - NXP Semiconductors

  1N821 Datasheet HTML 1Page - NXP Semiconductors 1N821 Datasheet HTML 2Page - NXP Semiconductors 1N821 Datasheet HTML 3Page - NXP Semiconductors 1N821 Datasheet HTML 4Page - NXP Semiconductors 1N821 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
Product specification
Supersedes data of March 1991
1996 Mar 20
DISCRETE SEMICONDUCTORS
1N821 to 1N829
1N821A to 1N829A
Voltage reference diodes
halfpage
M3D050


Similar Part No. - 1N821

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
Compensated Deuices Inc...
1N821 CDI-DIODE-1N821 Datasheet
97Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
76Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
238Kb / 3P
6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
More results

Similar Description - 1N821

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
MICROPOWER VOLTAGE REFERENCE DIODES
logo
NXP Semiconductors
BZV10 PHILIPS-BZV10 Datasheet
26Kb / 5P
Voltage reference diodes
1996 Mar 21
BZV80 PHILIPS-BZV80 Datasheet
20Kb / 4P
Voltage reference diodes
1996 Mar 21
logo
ON Semiconductor
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
New Jersey Semi-Conduct...
BZV10 NJSEMI-BZV10 Datasheet
243Kb / 4P
VOLTAGE REFERENCE DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com