Electronic Components Datasheet Search
  English  ▼

X  

1N821 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1N821
Description  Voltage reference diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N821 Datasheet(HTML) 2 Page - NXP Semiconductors

  1N821 Datasheet HTML 1Page - NXP Semiconductors 1N821 Datasheet HTML 2Page - NXP Semiconductors 1N821 Datasheet HTML 3Page - NXP Semiconductors 1N821 Datasheet HTML 4Page - NXP Semiconductors 1N821 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Mar 20
2
Philips Semiconductors
Product specification
Voltage reference diodes
1N821 to 1N829
1N821A to 1N829A
FEATURES
• Temperature compensated
• Reference voltage range:
5.89 to 6.51 V (typ. 6.20 V)
• Low temperature coefficient range:
max. 0.0005 to 0.01 %/K.
APPLICATION
• Voltage reference sources in
measuring instruments such as
digital voltmeters.
DESCRIPTION
Voltage reference diode in a hermetically-sealed SOD68 (DO-34) glass
package.
Fig.1 Simplified outline (SOD68; DO-34) and symbol.
handbook, halfpage
MAM216
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IZ
working current
−
50
mA
Ptot
total power dissipation
Tamb =50 °C
−
400
mW
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−
200
°C
Tamb
operating ambient temperature
−55
+100
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com