Electronic Components Datasheet Search
  English  ▼

X  

1N821 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 1N821
Description  Voltage reference diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N821 Datasheet(HTML) 3 Page - NXP Semiconductors

  1N821 Datasheet HTML 1Page - NXP Semiconductors 1N821 Datasheet HTML 2Page - NXP Semiconductors 1N821 Datasheet HTML 3Page - NXP Semiconductors 1N821 Datasheet HTML 4Page - NXP Semiconductors 1N821 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Mar 20
3
Philips Semiconductors
Product specification
Voltage reference diodes
1N821 to 1N829
1N821A to 1N829A
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Notes
1. The quoted values of
∆V
ref are based on a constant current IZ. Two factors can cause ∆Vref to change, namely the
differential resistance rdif and the temperature coefficient SZ.
a) As the max. rdif of the device can be 15 Ω, a change of 0.01 mA in the current through the reference diode will
result in a
∆Vref of 0.01 mA × 15 Ω = 0.15 mV. This level of ∆Vref is not significant on a 1N821 (∆Vref < 96 mV),
it is however very significant on a 1N829 (
∆Vref < 5 mV).
b) The temperature coefficient of the reference voltage SZ is a function of IZ. Reference diodes are classified at the
specified test current and the SZ of the reference diode will be different at different levels of IZ. The absolute value
of IZ is important, however, the stability of IZ, once the level has been set, is far more significant. This applies
particularly to the 1N829. The effect of the stability of IZ on SZ is shown in Fig.3.
2. All reference diodes are characterized by the ‘box method’. This guarantees a maximum voltage excursion (
∆Vref)
over the specified temperature range, at the specified test current (IZ), verified by tests at indicated temperature
points within the range. VZ is measured and recorded at each temperature specified. The ∆Vref between the highest
and lowest values must not exceed the maximum
∆V
ref given. Therefore the temperature coefficient is only given as
a reference. It may be derived from:
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Vref
reference voltage
IZ =7.5 mA
5.89
6.20
6.51
V
∆V
ref
reference voltage excursion
IZ =7.5 mA; test points for
Tamb: −55; +25; +75; +100 °C;
see Fig.2; notes 1 and 2
1N821; 1N821A
−−
96
mV
1N823; 1N823A
−−
48
mV
1N825; 1N825A
−−
19
mV
1N827; 1N827A
−−
9mV
1N829; 1N829A
−−
5mV
S
Z
temperature coefficient
IZ = 7.5 mA: see Fig.3;
notes 1 and 2
1N821; 1N821A
−−
0.01
%/K
1N823; 1N823A
−−
0.005
%/K
1N825; 1N825A
−−
0.002
%/K
1N827; 1N827A
−−
0.001
%/K
1N829; 1N829A
−−
0.0005 %/K
rdif
differential resistance
IZ = 7.5 mA; see Fig.4
1N821 to 1N829
−−
15
Ω
1N821A to 1N829A
−−
10
Ω
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
8 mm from the body
300
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm
375
K/W
S
Z
V
ref1
V
ref2
–
T
amb2
T
amb1
–
--------------------------------------
100
V
ref nom
-------------------- %/K
×
=



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com