Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205DIRZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL9205DIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 4.00
Page 3 of 17
Dec 20, 2018
Pin Configurations
ISL9205
(16 LD QFN)
TOP VIEW
ISL9205A, ISL9205B, ISL9205C
(10 LD DFN)
TOP VIEW
ISL9205D
(10 LD DFN)
TOP VIEW
1
2
3
4
VSEN
TEMP
IMIN
IREF
VIN
FAULT
STATUS
TIME
9
10
11
12
1
2
3
4
5
10
9
8
7
6
VBAT
VSEN
IREF
V2P8
EN
VIN
FAULT
STATUS
TIME
GND
1
2
3
4
5
10
9
8
7
6
VBAT
TEMP
IREF
V2P8
EN
VIN
FAULT
STATUS
TIME
GND
Pin Descriptions
PIN
NAME ISL9205
ISL9205A,
ISL9205B,
ISL9205C ISL9205D
DESCRIPTION
VIN
1, 15,
16
1
1
Input power source. Connect to a wall adapter.
FAULT
2
2
2
Open-drain output indicating fault status. This pin is pulled to LOW under any fault condition. When a fault
condition occurs, the time counter resets. When the charger is disabled, the FAULT pin outputs high
impedance.
STATUS
3
3
3
Open-drain output indicating charging and inhibit states. This pin is pulled LOW when the charger is charging
a battery. It turns into high impedance when the charge current drops to IMIN. This high impedance state is
latched until a recharge cycle or a new charge cycle starts. When the charger is disabled, the STATUS pin
outputs high impedance.
TIME
4
4
4
Determines the oscillation period by connecting a timing capacitor between this pin and GND. The oscillator
also provides a time reference for the charger.
GND
5
5
5
Connection to system ground.
TOEN
6
-
-
TIMEOUT enable input pin. Pulling this pin to LOW disables the TIMEOUT charge-time limit for the fast charge
modes. Leaving this pin HIGH or floating enables the TIMEOUT limit. There is an internal 400kΩ pull-up
resistor at this pin.
EN
7
6
6
Enable logic input. Connect the EN pin to LOW to disable the charger or leave it floating to enable the charger.
There is an internal 400kΩ pull-up resistor at this pin.
V2P8
8
7
7
2.8V reference voltage output. This pin provides a 2.8V voltage source when the input voltage is above the
POR threshold and outputs zero otherwise. The V2P8 pin can be used as an indication for adapter presence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com