Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205DIRZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL9205DIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 4.00
Page 4 of 17
Dec 20, 2018
IREF
9
8
8
Charge current programming and monitoring pin. Connect a resistor between this pin and GND to set the
charge current during the Constant Current phase, as given by Equation 1:
where RIREF is in kΩ.
TEMP
11
-
9
Input for an external NTC thermistor. The TEMP pin is also used for battery removal detection.
IMIN
10
-
-
End-of-Charge (EOC) current programming pin. Connect a resistor between this pin and GND to set the EOC
current, as given by Equation 2:
where RIMIN is in kΩ.
VSEN
12
9
-
Remote voltage sense pin. Connect this pin as close to the battery positive terminal as possible. If the VSEN
pin is left floating, its voltage drops to zero volt and the charger operates in Trickle mode.
VBAT
13, 14
10
10
Connection to the battery. Typically a ceramic capacitor of minimum 1µF is needed for stability when there
is no battery attached. When a battery is attached, only a 0.1µF ceramic capacitor is required.
Pin Descriptions (Continued)
PIN
NAME ISL9205
ISL9205A,
ISL9205B,
ISL9205C ISL9205D
DESCRIPTION
IREF
80
RIREF
-----------------
A

=
(EQ. 1)
IMIN
8000
RIMIN
----------------
mA

=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com