Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205DIRZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL9205DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 4.00
Page 11 of 17
Dec 20, 2018
Theory of Operation
The ISL9205 family are integrated chargers for single-cell Li-ion
or Li-polymer batteries. They are capable of operating in two
operation modes, Linear Charge mode and Pulse Charge mode.
They function as traditional linear chargers when powered with a
voltage source adapter. When powered with a current-limited
adapter, the chargers function as pulse chargers by fully turning
on the pass element, thereby reducing the power dissipation.
Constant Current Phase
The ISL9205 family starts the charge at a Constant Current (CC)
phase. The charge current is regulated to fast charge the battery
before the final voltage has been reached. The charge current is
programmable with the IREF pin and has two operation modes:
Trickle mode and Constant Current mode, depending on the
battery voltage. When the battery voltage is lower than 2.8V, the
charger operates in Trickle mode where the charge current is set
at 10% of the Constant Current mode current. Trickle mode is for
preconditioning a deeply discharged battery. When the battery
voltage is above the typical 2.8V threshold, the Constant Current
mode starts. The constant current is programmable between
50mA to 1A.
Constant Voltage Phase
When the battery reaches the final voltage, the ISL9205
switches the operation to a Constant Voltage (CV) phase. The
output voltage is regulated at the final voltage value. During the
Constant Voltage phase, the charge current reduces gradually as
the cell voltage rises.
End-of-Charge and Recharge
As the charge current reaches the End-of-Charge (EOC) current
threshold during the Constant Voltage phase, the STATUS pin
open-drain FET is turned off to indicate an EOC condition. The
EOC current is programmable for the ISL9205 by connecting a
resistor from the IMIN pin to GND. For ISL9205A, ISL9205B,
ISL9205C, and ISL9205D, the EOC current is fixed at 10% of the
programmed constant charge current. When the STATUS pin
indicates the EOC condition, the charger continues to charge until
the EN pin is pulled to logic LOW or the input power has been
removed. After EOC is reached, recharge occurs when the battery
voltage falls to 150mV below the constant voltage value. The
STATUS open-drain FET is turned on when a recharge condition is
met. An internal delay is implemented at the STATUS pin for both
EOC and recharge conditions to prevent nuisance trips due to
noise and fast load current transitions. The delay time is
approximately one clock cycle (varies between 0.5 and 1.5 clock)
of the internal oscillator, which is programmed by the timer
capacitor. The typical charge waveforms in Figure 16 show the
complete cycle operation.
Temperature Monitoring and Thermal
Foldback
In the event the die temperature reaches the thermal foldback
threshold (+110°C typical), the charge current is reduced
accordingly to prevent further temperature rise. In the ISL9205
and ISL9205D versions, there is an external temperature
monitoring function. A Negative Temperature Coefficient (NTC)
thermistor can be connected between the TEMP pin and GND to
monitor the battery temperature or ambient temperature. The
hysteresis comparators internal to the ISL9205 family provide a
valid temperature window centered at the voltage of the TEMP
pin, which is programmed by the NTC and the pull-up resistor
connected to the pin. When the measured temperature is outside
this window, the charger is paused (both the charger and the
timer are stopped) and a fault indication is issued. If the
thermistor is attached to the battery, the TEMP function can be
used to discover a battery removal condition when the TEMP pin
voltage is much higher than the reference threshold.
POR
The Power-On Reset (POR) function monitors the supply voltage.
The POR has a rising edge threshold of 3.6V typical and 2.5V
typical for the falling edge. The charger is expected to operate
when the input voltage is above the POR threshold. After POR,
the charger continues to operate for supply voltage down to 2.5V,
typical. It is also required that the supply voltage be higher than
the VBAT pin voltage by a typical 80mV for the charger to
function.
FIGURE 16. TYPICAL CHARGE CYCLE WITH TIMEOUT
IREF
IMIN
4.2V
TIME
2.8V
CHG
CHARGE
CURRENT
CHARGE
VOLTAGE
STATUS
INDICATION
VREC
10% IREF
TRICKLE
CC
CV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com