Electronic Components Datasheet Search
  English  ▼

X  

ISL9205CEVAL1Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL9205CEVAL1Z
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205CEVAL1Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL9205CEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 4.00
Page 6 of 17
Dec 20, 2018
Absolute Maximum Ratings
Thermal Information
Voltage Ratings for All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .- 0.3V to 7V
Charge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.0A
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Supply Voltage (VIN Pin) . . . . . . . . . . . . . . . . . . . . . 4.25V to 6.5V
Programmed Charge Current . . . . . . . . . . . . . . . . . . . . . . . 50mA to 900mA
Thermal Resistance
JA (°C/W) JC (°C/W)
3x3 DFN Package (Note 4) . . . . . . . . . . . . .
48
6
3x3 QFN Package (Note 5) . . . . . . . . . . . . .
54
6
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” can cause permanent damage to the device. This is a stress only rating and
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
The 150°C maximum junction temperature is for information purposes only. In reality, the current foldback feature prevents the junction from rising above
a worst case temperature of 125°C.
NOTES:
4.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. See TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Typical values are tested at VIN = 5V and the ambient temperature at +25°C, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-ON RESET
Rising POR Threshold
VPOR
VBAT = 3.0V, use V2P8 pin to indicate the
comparator output.
3.2
3.6
3.9
V
Falling POR Threshold
VPOR
2.25
2.5
2.7
V
VIN-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.2V, IBAT = 20mA, use STATUS pin to
indicate the comparator output (Note 6)
45
80
100
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY Charger disabled or the input is floating
-
-
3.3
µA
VIN Pin Supply Current
IVIN
Charger disabled
-
150
250
µA
VIN Pin Supply Current
IVIN
Charger enabled
-
1.0
-
mA
VOLTAGE REGULATION
Output Voltage (Except ISL9205C)
VCH
Tested at 50mA load, 5V input, and +25°C
4.185
4.20
4.215
V
VCH
-40°C < TA < +85°C, 4.3V < VIN < 6.5V
4.175
4.20
4.225
V
Output Voltage (ISL9205C)
VCH
Tested at 50mA load, 5V input, and +25°C
4.241
4.256
4.271
V
VCH
-40°C < TA < +85°C, 4.3V < VIN < 6.5V
4.231
4.256
4.281
V
PMOS ON-Resistance
rDS(ON)
VBAT = 4.0V, charge current = 0.35A
-
500
-
µΩ
CHARGE CURRENT (Note 7)
Constant Charge Current
ICC
RIREF = 100kΩ, VBAT = 3.0V to 4.0V
760
800
840
mA
Trickle Charge Current
ITRK
RIREF = 100kΩ, VBAT = 0V to 2.5V
64
80
96
mA
End-of-Charge Current
IMIN
RIMIN = 100kΩ (ISL9205)
70
80
90
mA
End-of-Charge Current
IMIN
RIREF = 100kΩ (ISL9205A, ISL9205B, ISL9205C
and ISL9205D)
70
80
90
mA
V2P8 PIN OUTPUT
V2P8 Pin Output Voltage
VV2P8
Load current less than 1mA
2.8
2.9
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com