Electronic Components Datasheet Search
  English  ▼

X  

ISL9205CEVAL1Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL9205CEVAL1Z
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205CEVAL1Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL9205CEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN9252 Rev 4.00
Page 1 of 17
Dec 20, 2018
FN9252
Rev 4.00
Dec 20, 2018
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
Li-ion Battery Charger
DATASHEET
The ISL9205, ISL9205A, ISL9205B, ISL9205C, and ISL9205D
are integrated single-cell Li-ion or Li-polymer chargers capable
of operating at an input voltage as low as 2.5V. The low
operating voltage allows the charger to work with a variety of
AC adapters.
The ISL9205 family operates as a linear charger when the AC
adapter is a voltage source. The battery is charged in a
standard Li-ion charge profile, that is, a Constant Current
phase followed by a Constant Voltage phase (CC/CV). The
charge current during the Constant Current phase is
determined by the external resistor connected to the IREF pin.
When the adapter output is a current-limited voltage source
and the current limit is smaller than the programmed constant
current of the IC, the ISL9205 operates as a pulse charger
where the charge current is determined by the current limit of
the AC adapter during the Constant Current phase. The
ISL9205 operates in a linear mode during the constant voltage
phase in both adapter cases.
The ISL9205 family incorporates Thermaguard, which protects
the IC against over-temperature. If the die temperature rises
above a typical value of +100°C, the thermal foldback
function reduces the charge current to prevent further
temperature rise. The ISL9205 includes an external
temperature monitoring function (not available in some
package options). A Negative Temperature Coefficient (NTC)
thermistor is connected between the TEMP pin and GND to
monitor the battery or ambient temperature. The ISL9205 also
includes a timer to set the time reference for various charge
time limits. The timer is programmable with an external
capacitor. Two logic inputs and two open-drain logic outputs
are available for controlling the charger and indicating the
charger status. The EN pin enables the charger. The TOEN pin
(available in the ISL9205) enables the timeout function so that
the charge is terminated when the preset time limits have
been reached. The FAULT pin is an open-drain output that turns
on when a fault condition is encountered. The STATUS pin is
also an open-drain output that turns on when the charger is
delivering current.
Features
• Complete charger for single-cell Li-ion/polymer batteries
• Integrated pass element and current sensor
• No external blocking diode required
• Low component count and cost
• 25mV voltage accuracy over-temperature and input voltage
range
• 15mV voltage accuracy at room temperature
• Programmable charge current
• Programmable end-of-charge current (ISL9205)
• Charge current thermal foldback for thermal protection
(Thermaguard)
• Trickle charge for fully discharged batteries
• Power presence and charge indications
• NTC interface (not available in some package options)
• Less than 3µA leakage current off the battery when no input
power attached or charger disabled
• Ambient temperature range: -40°C to +85°C
•DFN, QFN packages
• Pb-free (RoHS compliant)
Applications
• Mobile phones
•Bluetooth devices
•PDAs
•MP3 players
• Stand-alone cradle or travel chargers
• Other handheld devices
Related Literature
• For a full list of related documents, visit our website:
- ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
device pages


Similar Part No. - ISL9205CEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9205C RENESAS-ISL9205C Datasheet
828Kb / 17P
Li-ion Battery Charger
logo
Intersil Corporation
ISL9205CIRZ INTERSIL-ISL9205CIRZ Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205CIRZ INTERSIL-ISL9205CIRZ Datasheet
514Kb / 14P
Li-ion Battery Charger
ISL9205CIRZ INTERSIL-ISL9205CIRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205CIRZ RENESAS-ISL9205CIRZ Datasheet
828Kb / 17P
Li-ion Battery Charger
More results

Similar Description - ISL9205CEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205 INTERSIL-ISL9205 Datasheet
514Kb / 14P
Li-ion Battery Charger
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com