Electronic Components Datasheet Search
  English  ▼

X  

ISL9205CEVAL1Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL9205CEVAL1Z
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205CEVAL1Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL9205CEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL9205CEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 4.00
Page 7 of 17
Dec 20, 2018
CHARGE THRESHOLDS
Preconditioning Charge Threshold Voltage
VMIN
2.7
2.8
2.9
V
Preconditioning Voltage Hysteresis
VMINHYS
50
100
150
mV
Recharge Threshold
VRCH
Referenced to the charger output voltage VCH
-225
-150
-70
mV
Recharge Threshold Hysteresis
VRCHHYS
-50-
mV
INTERNAL TEMPERATURE MONITORING
Charge Current Foldback Threshold
TFOLD
-110
-
°C
AMBIENT TEMPERATURE MONITORING (ISL9205 and ISL9205D)
High Voltage Threshold
V2P8 = 3.0V
1.98
2.0
2.02
V
High Voltage Threshold Hysteresis
V2P8 = 3.0V
-
1.9
-
V
Low Voltage Threshold
V2P8 = 3.0V
0.99
1
1.01
V
Low Voltage Threshold Hysteresis
V2P8 = 3.0V
-
1.1
-
V
OSCILLATOR
Oscillation Period
tOSC
CTIME = 15nF
2.7
3.0
3.3
ms
LOGIC INPUT AND OUTPUTS
EN/TOEN Pin Logic Input High
1.3
-
-
V
EN/TOEN Pin Logic Input Low
--
0.5
V
EN/TOEN Pin Internal Pull-Up Resistance
200
400
600
kΩ
STATUS/FAULT Output Voltage when On
10mA current
-
-
0.8
V
STATUS/FAULT Leakage Current
VSTATUS = 6.5V
-
-
1
µA
NOTES:
6. The 4.2V VBAT is selected so that the STATUS output can be used as the indication for the offset comparator output indication. If the VBAT is lower than
the POR threshold, no output pin can be used for indication.
7. The charge current can be affected by the thermal foldback function if the IC under the test setup cannot dissipate the heat.
Electrical Specifications Typical values are tested at VIN = 5V and the ambient temperature at +25°C, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com