Electronic Components Datasheet Search
  English  ▼

X  

P30LEAPLF102ML Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P30LEAPLF102ML
Description  Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P30LEAPLF102ML Datasheet(HTML) 1 Page - Vishay Siliconix

  P30LEAPLF102ML Datasheet HTML 1Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 2Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 3Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 4Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 5Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P30L
www.vishay.com
Vishay Sfernice
Revision: 25-Jul-2022
1
Document Number: 51056
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet,
Fully Sealed
LINK TO ADDITIONAL RESOURCES
FEATURES
• 2 million cycles
• High power rating 3 W at 70 °C
• Cermet element
• Low temperature coefficient (± 150 ppm/°C typical)
• Custom designs on request
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Capabilities and
Custom Options
QUICK REFERENCE DATA
Multiple module
No
Switch module
n/a
Detent module
n/a
Special electrical laws
A: linear, L: logarithmic, F: reverse logarithmic
Sealing level
IP 67
Lifespan
2M cycles
DIMENSIONS in millimeters (inches) ± 0.5 mm (± 0.02")
20 (0.79) max.
P30LL
12 (0.47)
8
(0.31)
Ø 19.7
(0.78)
13 (0.51)
max.
14 wrench
Thread M10 x 0.75
Ø 6
(0.24)
76°
R 5.2
(0.20)
ac
b
3
(0.12)
2.85 (0.11)
0.5
(0.02)
FGR = 16 (0.63)
FLR = 25 (0.99)
FRR = 50 (1.97)
3
(0.12)
Ø 1.8 (0.07)
3
(0.12)
12.5
(0.49)
8.8
(0.35)
2.3
(0.9)
0.8
(0.3)
P30LLL: LPRP - Locating peg
9.2
(0.36)
Ø 3.5
(0.14)
Ø 10.5
(0.41)
PANEL MOUNT


Similar Part No. - P30LEAPLF102ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
P30L VISHAY-P30L Datasheet
158Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
04-Jul-17
P30L VISHAY-P30L Datasheet
169Kb / 3P
Custom Capabilities Position Sensors and Variable Resistors
06-Oct-16
P30L VISHAY-P30L Datasheet
173Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
27-Jan-2025
logo
PFC Device Inc.
P30L50N5 PFC-P30L50N5 Datasheet
808Kb / 5P
30A 50V MOS Schottky Rectifier
More results

Similar Description - P30LEAPLF102ML

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P270 BITECH-P270 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Vishay Siliconix
P10L VISHAY-P10L Datasheet
122Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
10-Dec-07
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Bi technologies
P270 BITECH-P270_09 Datasheet
157Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com