Electronic Components Datasheet Search
  English  ▼

X  

P30LEAPLF102ML Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P30LEAPLF102ML
Description  Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P30LEAPLF102ML Datasheet(HTML) 2 Page - Vishay Siliconix

  P30LEAPLF102ML Datasheet HTML 1Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 2Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 3Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 4Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 5Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P30L
www.vishay.com
Vishay Sfernice
Revision: 25-Jul-2022
2
Document Number: 51056
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MODEL
SHAFT
CONDIFICATION
L
(mm)
l
(mm)
P30LL
FGF
16
3.17
FLF
25
12
FRF
30
12
P30LM
FDF
13
3.17
FJF
22
12
FPF
47
12
Note
• Shaft shown at center position.
Flat opposite to the wiper
MODEL
SHAFT
CONDIFICATION
L
(mm)
P30LL
FGS
16
FLS
25
FRS
50
P30LM
FDS
13
FJS
22
FPS
47
Note
• Slot aligned to the wiper at ± 10°
DIMENSIONS in millimeters (inches) ± 0.5 mm (± 0.02")
P30LME: Panel sealed
Ø 1.2
(0.05)
Ø 6
(0.24)
Flats
located
FPR = 47 (1.85)
FJR = 22 (0.87)
FDR = 13
(0.61)
9 (0.35)
Sealing ring
8 ± 0.2
(0.31 ± 0.01)
Ø 10.5
(0.41)
Ø 19.7
(0.78)
Ø 1 (0.4)
0.7 (0.03)
16 (0.63) max.
23 (0.91) max.
PANEL MOUNT
Standard shaft style F (flatted)
Ø 6
(0.24)
L
5.5 ± 0.05
l
Standard shaft style S (slotted)
Ø 6
(0.24)
L
1
1.8 ± 0.2
L
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com