Electronic Components Datasheet Search
  English  ▼

X  

P30LEAPLF102ML Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P30LEAPLF102ML
Description  Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P30LEAPLF102ML Datasheet(HTML) 3 Page - Vishay Siliconix

  P30LEAPLF102ML Datasheet HTML 1Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 2Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 3Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 4Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 5Page - Vishay Siliconix P30LEAPLF102ML Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P30L
www.vishay.com
Vishay Sfernice
Revision: 25-Jul-2022
3
Document Number: 51056
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
270° ± 10°
Standard resistance values
1 k
Ω - 5 kΩ - 10 kΩ - 50 kΩ
Tolerance
20 %
Taper
Power rating
Linear
Non-linear taper
3 W at 70 °C
1.5 W at 70 °C
Circuit diagram
Standard resistance element data
RESISTANCE
VALUE
(k
Ω)
LINEAR TAPER
NON-LINEAR TAPER
MAX. POWER
AT 70 °C
(W)
MAX. WORKING
VOLTAGE
(V)
MAX. POWER
AT 70 °C
(W)
MAX. WORKING
VOLTAGE
(V)
1
3
54.8
1.5
38.7
5
3
122
1.5
86.6
10
3
173
1.5
122
50
1.8
300
1.5
274
Temperature coefficient (typical)
± 150 ppm/°C
Limiting element voltage
300 V
End resistance (typical)
1
Ω
Dielectric strength (RMS)
2500 V
Insulation resistance (300 VDC)105 M
Ω
Independent linearity (typical)
± 5 %
10
100
1000
10000
0
20
40
60
80
100
020
40
60
80
100
Axis Title
Clockwise Shaft Rotation (%)
F
A
L
10
100
1000
10000
0
3
0
20406080
100
120
140
Axis Title
Ambient Temperature (°C)
70
Linear taper “A”
Non-linear taper
a
(1)
b
(2)
c
(3)
cw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com