Electronic Components Datasheet Search
  English  ▼

X  

T27 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T27
Description  vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T27 Datasheet(HTML) 1 Page - Vishay Siliconix

  T27 Datasheet HTML 1Page - Vishay Siliconix T27 Datasheet HTML 2Page - Vishay Siliconix T27 Datasheet HTML 3Page - Vishay Siliconix T27 Datasheet HTML 4Page - Vishay Siliconix T27 Datasheet HTML 5Page - Vishay Siliconix T27 Datasheet HTML 6Page - Vishay Siliconix T27 Datasheet HTML 7Page - Vishay Siliconix T27 Datasheet HTML 8Page - Vishay Siliconix T27 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
T27
www.vishay.com
Vishay
Revision: 14-Jul-2022
1
Document Number: 40277
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
vPolyTanTM Hermetically Sealed Polymer
Surface-Mount Chip Capacitors, Low ESR
LINKS TO ADDITIONAL RESOURCES
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +125 °C
(above 105 °C, additional voltage derating is required)
Capacitance Range: 15 μF to 470 μF
Capacitance Tolerance: ± 20 %
Voltage Rating: 16 VDC to 75 VDC
FEATURES
• Ultra low ESR conductive polymer cathode
• Ultra low DC leakage < 0.05 CV
• High reliability processing including:
- 100 % hermiticity tested metal case
- 100 % surge current test
- accelerated voltage conditioning
- thermal shock
- MIL-PRF-39003 style qualification
• High ripple current capability
• Stable capacitance in operating temperature range
• High frequency capacitance retention
• No wear out effect
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
APPLICATIONS
• Aerospace and hi-rel applications
• Switch mode and point of load power supply
PATENT(S): www.vishay.com/patents
This Vishay product is protected by one or more United States and international patents.
333
DDD3 D
3D Models
Models
Calculators
Available
Available
ORDERING INFORMATION
T27
D
226
M
063
E
S
A
025
TYPE
CASE
CAPACITANCE CAPACITANCE
DC VOLTAGE
TERMINATION /
RELIABILITY
SURGE
ESR
CODE
TOLERANCE
RATING
PACKAGING
LEVEL
CURRENT
LEVEL
This is
expressed
in picofarads.
The first two
digits are the
significant
figures.The
third is the
number of
zeros to follow.
M = ± 20 %
This is
expressed
in volts. To
complete the
three-digit
block, zeros
precede the
voltage rating.
Sn / Pb solder
E = 7" (178 mm) reel
L = 7" (178 mm),
1/2 reel
R = 7" (178 mm),
partial reel
100 % tin
C = 7" (178 mm), reel
H = 7" (178 mm),
1/2 reel
U = 7" (178 mm),
partial reel
S = 40 h
burn-in
A = 10 cycles
at +25 °C
B = 10 cycles
at -55 °C /
+85 °C
Maximum
100 kHz ESR
in m
Ω


Similar Part No. - T27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2700 ETC-T2700 Datasheet
222Kb / 5P
HIGH VOLTAGE 6-A SILICON TRIACS
logo
Intel Corporation
T2700 INTEL-T2700 Datasheet
1Mb / 91P
Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
New Jersey Semi-Conduct...
T2700 NJSEMI-T2700 Datasheet
80Kb / 2P
High Voltage, 6-A Silicon Triacs
logo
List of Unclassifed Man...
T2700B ETC-T2700B Datasheet
222Kb / 5P
HIGH VOLTAGE 6-A SILICON TRIACS
logo
New Jersey Semi-Conduct...
T2700B NJSEMI-T2700B Datasheet
80Kb / 2P
High Voltage, 6-A Silicon Triacs
More results

Similar Description - T27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55 VISHAY-T55 Datasheet
585Kb / 22P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
02-Nov-16
T59 VISHAY-T59 Datasheet
556Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
19-Oct-16
T52 VISHAY-T52 Datasheet
552Kb / 15P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
05-Oct-17
T50 VISHAY-T50 Datasheet
612Kb / 15P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
07-Sep-2020
T56 VISHAY-T56 Datasheet
624Kb / 17P
vPolyTanTM Polymer Surface Mount Chip Capacitors,
15-Oct-2020
DLA20021 VISHAY-DLA20021 Datasheet
598Kb / 15P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
29-Jan-2021
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
16-Dec-2022
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
29-Jan-2021
T52 VISHAY-T52_V01 Datasheet
672Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
30-Aug-2022
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
16-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com