Electronic Components Datasheet Search
  English  ▼

X  

T27 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T27
Description  vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T27 Datasheet(HTML) 2 Page - Vishay Siliconix

  T27 Datasheet HTML 1Page - Vishay Siliconix T27 Datasheet HTML 2Page - Vishay Siliconix T27 Datasheet HTML 3Page - Vishay Siliconix T27 Datasheet HTML 4Page - Vishay Siliconix T27 Datasheet HTML 5Page - Vishay Siliconix T27 Datasheet HTML 6Page - Vishay Siliconix T27 Datasheet HTML 7Page - Vishay Siliconix T27 Datasheet HTML 8Page - Vishay Siliconix T27 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
T27
www.vishay.com
Vishay
Revision: 14-Jul-2022
2
Document Number: 40277
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Currently in development, contact factory for availability
Notes
• Marking shows discrete capacitor rating
• Capacitance code is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
L1
W
H
P
TW
D
0.374
[9.5]
0.303 ± 0.008
[7.7 ± 0.2]
0.275 ± 0.008
[7.0 ± 0.2]
0.291 ± 0.008
[7.4 ± 0.2]
0.098 ± 0.008
[2.5 ± 0.2]
0.197 ± 0.008
[5.0 ± 0.2]
RATINGS AND CASE CODES (ESR, mΩ)
μF
16 V
25 V
35 V
50 V
63 V
75 V
15
D (100) (1)
D (100) (1)
22
D (100) (1)
D (100) (1)
D (100) (1)
33
D (100) (1)
D (100) (1)
47
D (70) (1)
D (100)
150
D (100) (1)
220
D (55) (1)
330
D (25)
470
D (25) (1)
MARKING
VOLTAGE NOMINAL
VOLTAGE CODE
16
C
20
D
25
E
35
V
50
H
63
J
75
S
L1
L
P
P
Voltage code
Week
Capacitance
code
Year
Vishay
identification mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com