Electronic Components Datasheet Search
  English  ▼

X  

T27 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T27
Description  vPolyTanTM Hermetically Sealed Polymer Surface-Mount Chip Capacitors, Low ESR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T27 Datasheet(HTML) 3 Page - Vishay Siliconix

  T27 Datasheet HTML 1Page - Vishay Siliconix T27 Datasheet HTML 2Page - Vishay Siliconix T27 Datasheet HTML 3Page - Vishay Siliconix T27 Datasheet HTML 4Page - Vishay Siliconix T27 Datasheet HTML 5Page - Vishay Siliconix T27 Datasheet HTML 6Page - Vishay Siliconix T27 Datasheet HTML 7Page - Vishay Siliconix T27 Datasheet HTML 8Page - Vishay Siliconix T27 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
T27
www.vishay.com
Vishay
Revision: 14-Jul-2022
3
Document Number: 40277
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
100 kHz
IRMS (A)
HIGH TEMPERATURE LOAD
TEMPERATURE
(°C)
TIME
(h)
16 VDC AT +105 °C, 10 VDC AT +125 °C
330
D
T27D337M016(1)(2)(3)025
264
12
25
4.899
125
2000
470
D (1)
T27D477M016(1)(2)(3)025
376
12
25
4.899
125
2000
25 VDC AT +105 °C, 20 VDC AT +125 °C
220
D (1)
T27D227M025(1)(2)(3)055
275
12
55
3.303
125
2000
35 VDC AT +105 °C, 25 VDC AT +125 °C
47
D (1)
T27D476M035(1)(2)(3)070
82
12
70
2.928
125
2000
150
D (1)
T27D157M035(1)(2)(3)100
263
12
100
2.449
125
2000
50 VDC AT +105 °C, 33 VDC AT +125 °C
22
D (1)
T27D226M050(1)(2)(3)100
55
12
100
2.449
125
2000
33
D (1)
T27D336M050(1)(2)(3)100
83
12
100
2.449
125
2000
47
D
T27D476M050(1)(2)(3)100
118
12
100
2.449
125
2000
63 VDC AT +105 °C, 43 VDC AT +125 °C
15
D (1)
T27D156M063(1)(2)(3)100
47
12
100
2.449
125
2000
22
D (1)
T27D226M063(1)(2)(3)100
69
12
100
2.449
125
2000
33
D (1)
T27D336M063(1)(2)(3)100
104
12
100
2.449
125
2000
75 VDC AT +105 °C, 50 VDC AT +125 °C
15
D (1)
T27D156M075(1)(2)(3)100
56
12
100
2.449
125
2000
22
D (1)
T27D226M075(1)(2)(3)100
83
12
100
2.449
125
2000
Notes
• Part number definitions:
(1) Termination and packaging: E, L, C, H
(2) Reliability level: S
(3) Surge current: A, B
(1) Rating in development, contact factory for availability
RECOMMENDED VOLTAGE DERATING GUIDELINES
CAPACITOR VOLTAGE RATING
AT -55 °C TO +105 °C
CAPACITOR VOLTAGE RATING
AT +105 °C TO +125 °C
OPERATING VOLTAGES
FOR TEMPERATURES
AT -55 °C TO +105 °C
OPERATING VOLTAGES
FOR TEMPERATURES
AT +105 °C TO +125 °C
16
10.7
12.8
8.6
25
16.8
20
13.4
35
23.5
28
18.8
50
33.5
40
26.8
63
42
50.4
33.8
75
50
60
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com