Electronic Components Datasheet Search
  English  ▼

X  

T50 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T50
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T50 Datasheet(HTML) 4 Page - Vishay Siliconix

  T50 Datasheet HTML 1Page - Vishay Siliconix T50 Datasheet HTML 2Page - Vishay Siliconix T50 Datasheet HTML 3Page - Vishay Siliconix T50 Datasheet HTML 4Page - Vishay Siliconix T50 Datasheet HTML 5Page - Vishay Siliconix T50 Datasheet HTML 6Page - Vishay Siliconix T50 Datasheet HTML 7Page - Vishay Siliconix T50 Datasheet HTML 8Page - Vishay Siliconix T50 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
T50
www.vishay.com
Vishay Polytech
Revision: 10-Dec-2021
4
Document Number: 40254
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION (W) AT
≤ +45 °C IN FREE AIR
D
0.225
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
D
500
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Endurance
2000 h, rated voltage applied at 105 °C
2000 h, 2/3 rated voltage applied at 125 °C
(for < 16 V parts)
1000 h, 2/3 rated voltage applied at 125 °C
(for
≥ 16 V parts)
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limits
Leakage current
Shall not exceed 300 % of initial limit
ESR
Shall not exceed 300 % of initial limit
Shelf life test
2000 h no voltage applied at 105 °C
1000 h no voltage applied at 125 °C
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limits
Leakage current
Shall not exceed 300 % of initial limit
ESR
Shall not exceed 300 % of initial limit
Humidity test
500 h, rated voltage applied at 85 °C / 85 % RH
Capacitance change
-5 % to +50 % of initial value (
≤ 4 V)
-5 % to +40 % of initial value (
≥ 6.3 V)
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
ESR
Shall not exceed 300 % of initial limit
Stability at low and
high temperatures
-55 °C
Capacitance change
Within ± 30 % of initial value
Dissipation factor
Within initial limit
Leakage current
n/a
25 °C
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Within initial limit
85 °C
Capacitance change
Within ± 30 % of initial value
Dissipation factor
Shall not exceed 120 % of initial limit
Leakage current
Shall not exceed 1000 % of initial value
105 °C / 125 °C
Capacitance change
Within 0 % to +50 % of initial value
Dissipation factor
Shall not exceed 150 % of initial limit
Leakage current
Shall not exceed 1000 % of initial limit
Surge voltage
105 °C, 1.3 rated voltage,
125 °C, 1.3 x 2/3 rated voltage,
1000 successive test cycles with 33
Ω at the rate
of 30 s ON, 30 s OFF
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
ESR
Shall not exceed 300 % of initial limit
Shock
(specified pulse)
MIL-STD-202, figure 1 of method 213,
condition F
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Within initial limit
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Vibration
MIL-STD-202, method 204, 5 g’s for 20 min.,
12 cycles each of 3 orientations.
Test from 10 Hz to 2000 Hz.
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Within initial limit
There shall be no mechanical or visual damage to capacitors
post-conditioning.
PRODUCT INFORMATION
Polymer Guide
www.vishay.com/doc?40076
Moisture Sensitivity
www.vishay.com/doc?40135
Infographic
www.vishay.com/doc?48084
Sample Board
www.vishay.com/doc?48073
FAQ
Frequently Asked Questions
www.vishay.com/doc?42106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com