Electronic Components Datasheet Search
  English  ▼

X  

T50 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T50
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T50 Datasheet(HTML) 1 Page - Vishay Siliconix

  T50 Datasheet HTML 1Page - Vishay Siliconix T50 Datasheet HTML 2Page - Vishay Siliconix T50 Datasheet HTML 3Page - Vishay Siliconix T50 Datasheet HTML 4Page - Vishay Siliconix T50 Datasheet HTML 5Page - Vishay Siliconix T50 Datasheet HTML 6Page - Vishay Siliconix T50 Datasheet HTML 7Page - Vishay Siliconix T50 Datasheet HTML 8Page - Vishay Siliconix T50 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
T50
www.vishay.com
Vishay Polytech
Revision: 10-Dec-2021
1
Document Number: 40254
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
vPolyTanTM Polymer Surface-Mount Chip Capacitors,
Molded Case, High Performance Type
LINKS TO ADDITIONAL RESOURCES
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +125 °C
(above 105 °C, voltage derating is required)
Capacitance Range: 10 μF to 330 μF
Capacitance Tolerance: ± 20 %
Voltage Rating: 2.5 VDC to 35 VDC
FEATURES
• Operating temperature range of -55 °C to
+125 °C
• High temperature and high humidity operation
• Qualification testing based on AEC-Q200 with
85 °C / 85 % RH performance testing up to
500 hours
• Ultra low ESR
• Molded case 7343-31 EIA size
• Terminations: Ni / Pd / Au
• Moisture sensitivity level 3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Decoupling, smoothing, filtering
• Switch mode and point of load power supply
• Automotive - infotainment and cockpit electronics
• Storage and networking infrastructure equipment
• Industrial
applications
requiring
high
temperature
operation
333
DDD3 D
3D Models
ORDERING INFORMATION
T50
D
107
M
010
C
0040
TYPE
CASE CODE
CAPACITANCE
CAPACITANCE
DC VOLTAGE
TERMINATION /
ESR
TOLERANCE
RATING
PACKAGING
See Ratings
and Case
Codes table.
This is expressed
in picofarads.
The first two digits
are the significant
figures. The third is
the number of zeros
to follow.
M = ± 20 %
2R5 = 2.5 V
004 = 4 V
6R3 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
C = lead (Pb)-free
solderable coating,
7" reel
Maximum
100 kHz
ESR
in m
Ω
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
l
a
D
7343-31
0.287 ± 0.008
[7.3 ± 0.2]
0.169 ± 0.012
[4.3 ± 0.3]
0.110 ± 0.012
[2.8 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.094 ± 0.008
[2.4 ± 0.2]
a
a
L
H
W
ll


Similar Part No. - T50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T50 VISHAY-T50 Datasheet
612Kb / 15P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
07-Sep-2020
logo
List of Unclassifed Man...
T50-24C3 ETC2-T50-24C3 Datasheet
490Kb / 2P
C L A S S 2 T R ANS FORME R S
T50-24F3 ETC2-T50-24F3 Datasheet
490Kb / 2P
C L A S S 2 T R ANS FORME R S
T50-24M3 ETC2-T50-24M3 Datasheet
490Kb / 2P
C L A S S 2 T R ANS FORME R S
T50-24S3 ETC2-T50-24S3 Datasheet
490Kb / 2P
C L A S S 2 T R ANS FORME R S
More results

Similar Description - T50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55B156M6R3C0500 VISHAY-T55B156M6R3C0500 Datasheet
627Kb / 22P
vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
16-Nov-15
T58 VISHAY-T58 Datasheet
558Kb / 16P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
02-Nov-16
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
25-Oct-17
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
05-Oct-17
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
16-Dec-2022
T51 VISHAY-T51 Datasheet
648Kb / 17P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
07-Nov-2022
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
29-Sep-2022
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
28-Nov-2022
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
07-Jul-2022
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
16-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com