Electronic Components Datasheet Search
  English  ▼

X  

T50 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T50
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T50 Datasheet(HTML) 3 Page - Vishay Siliconix

  T50 Datasheet HTML 1Page - Vishay Siliconix T50 Datasheet HTML 2Page - Vishay Siliconix T50 Datasheet HTML 3Page - Vishay Siliconix T50 Datasheet HTML 4Page - Vishay Siliconix T50 Datasheet HTML 5Page - Vishay Siliconix T50 Datasheet HTML 6Page - Vishay Siliconix T50 Datasheet HTML 7Page - Vishay Siliconix T50 Datasheet HTML 8Page - Vishay Siliconix T50 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
T50
www.vishay.com
Vishay Polytech
Revision: 10-Dec-2021
3
Document Number: 40254
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
2.5 VDC AT +105 °C; 1.7 VDC AT 125 °C
220
D
T50D227M2R5C0025
55.0
10
25
3.00
2000
330
D
T50D337M2R5C0025
82.5
10
25
3.00
2000
4 VDC AT +105 °C; 2.7 VDC AT 125 °C
220
D
T50D227M004C0025
88.0
10
25
3.00
2000
330
D
T50D337M004C0025
132.0
10
25
3.00
2000
6.3 VDC AT +105 °C; 4.2 VDC AT 125 °C
150
D
T50D157M6R3C0025
94.5
10
25
3.00
2000
220
D
T50D227M6R3C0025
138.6
10
25
3.00
2000
330
D
T50D337M6R3C0025
207.9
10
25
3.00
2000
10 VDC AT +105 °C; 6.7 VDC AT 125 °C
100
D
T50D107M010C0040
100.0
10
40
2.37
2000
220
D
T50D227M010C0040
220.0
10
40
2.37
2000
16 VDC AT +105 °C; 10.7 VDC AT 125 °C
33
D
T50D336M016C0070
52.8
10
70
1.79
1000
47
D
T50D476M016C0070
75.2
10
70
1.79
1000
100
D
T50D107M016C0050
160.0
10
50
2.12
1000
25 VDC AT +105 °C; 16.8 VDC AT 125 °C
33
D
T50D336M025C0060
82.5
10
60
1.93
1000
33
D
T50D336M025C0100
82.5
10
100
1.50
1000
35 VDC AT +105 °C; 23.5 VDC AT 125 °C
10
D
T50D106M035C0120
35.0
10
120
1.36
1000
RECOMMENDED VOLTAGE DERATING GUIDELINES
CAPACITOR
VOLTAGE RATING
AT -55 °C TO +105 °C
CAPACITOR
CATEGORY VOLTAGE
AT +105 °C TO +125 °C
RECOMMENDED
VOLTAGE DERATING
AT -55 °C TO +105 °C
RECOMMENDED
VOLTAGE DERATING
AT +105 °C TO +125 °C
2.5
1.7
2.3
1.5
4
2.7
3.6
2.4
6.3
4.2
5.7
3.8
10
6.7
9
6.0
16
10.7
12.8
8.6
25
16.8
20
13.5
35
23.5
28
18.9
RECOMMENDED TEMPERATURE DERATING
10
1000
10000
50
55
60
65
70
75
80
85
90
95
100
-55
25
45
85
105
125
Axis Title
Temperature (°C)
100
67 %
54 %
60 %
Recommended maximum
application voltage V
R > 10 V
Rated voltage
Recommended maximum
application voltage V
R ≤ 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com